Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR550ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR550ART-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR550ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR550ART-R2 Datasheet HTML 8Page - Analog Devices ADR550ART-R2 Datasheet HTML 9Page - Analog Devices ADR550ART-R2 Datasheet HTML 10Page - Analog Devices ADR550ART-R2 Datasheet HTML 11Page - Analog Devices ADR550ART-R2 Datasheet HTML 12Page - Analog Devices ADR550ART-R2 Datasheet HTML 13Page - Analog Devices ADR550ART-R2 Datasheet HTML 14Page - Analog Devices ADR550ART-R2 Datasheet HTML 15Page - Analog Devices ADR550ART-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. E | Page 12 of 1
6
Stacking the ADR520/ADR525/ADR530/ADR540/ADR550
for User-Definable Outputs
Multiple ADR520/ADR525/ADR530/ADR540/ADR550 parts
can be stacked to allow the user to obtain a desired higher voltage.
Figure 22 shows three ADR550s configured to give 15 V. The bias
resistor, RBIAS, is chosen using Equation 3; note that the same
bias current flows through all the shunt references in series.
Figure 23 shows three ADR550s stacked to give −15 V. RBIAS
is calculated in the same manner as before. Parts of different
voltages can also be added together. For example, an ADR525
and an ADR550 can be added together to give an output of
+7.5 V or −7.5 V, as desired. Note, however, that the initial
accuracy error is now the sum of the errors of all the stacked
parts, as are the temperature coefficients and output voltage
change vs. input current.
ADR550
+VDD
+15V
R
ADR550
ADR550
GND
Figure 22. +15 V Output with Stacked ADR550s
ADR550
ADR550
ADR550
GND
–15V
R
–VDD
Figure 23. −15 V Output with Stacked ADR550s
Adjustable Precision Voltage Source
The ADR520/ADR525/ADR530/ADR540/ADR550, combined
with a precision low input bias op amp, such as the AD8610,
can be used to output a precise adjustable voltage. Figure 24
illustrates the implementation of this application using the
ADR520/ADR525/ADR530/ADR540/ADR550. The output
of the op amp, VOUT, is determined by the gain of the circuit,
which is completely dependent on the resistors, R1 and R2.
VOUT = VREF (1 + R2/R1)
An additional capacitor, C1, in parallel with R2, can be added to
filter out high frequency noise. The value of C1 is dependent on
the value of R2.
ADR5xx
VS
GND
R
R1
R2
C1
(OPTIONAL)
VREF
AD8610
VOUT = VREF (1+R2/R1)
Figure 24. Adjustable Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com