Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV8002KBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV8002KBCZ
Description  Video Signal Processor with Bitmap OSD, Dual HDMI Tx, and Video Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV8002KBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADV8002KBCZ Datasheet HTML 1Page - Analog Devices ADV8002KBCZ Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Video Signal Processor with Bitmap OSD,
Dual HDMI Tx, and Video Encoder
Data Sheet
ADV8002
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Video signal processor
Full 12-bit 4:4:4 YUV internal processing
Motion-adaptive de-interlacing with ultralow angle
interpolation
Cadence detection for the recovery of original frames from
film-based content
Two video scalers allow two different output resolutions
simultaneously
Aspect ratio conversion/panorama scaling
Sharpness and detail enhancement
Noise reduction to reduce random, mosquito, and block
noise
Frame rate converter
Picture-in-picture (PIP) support
On-screen display (OSD)
Internally generated bitmap-based OSD allowing overlay
on one or more video outputs
Overlay on 3D video formats
Dedicated OSD scaler
Alpha blending of OSD data on video data
Option of external OSD
Easy to use software tool for developing OSDs
HDMI® transmitters
Dual HDMI transmitters enabling splitter capability
Content type bits
CEC 1.4 controller
Audio return channel (ARC) support
Supports standard S/PDIF for stereo LPCM compressed
audio up to 192 kHz
6-channel uncompressed LPCM I2S audio up to 192 kHz
6-channel direct stream digital (DSD) audio inputs
6 NSV™ DAC video encoder
6 Noise Shaped Video (NSV®) 12-bit video DACs
Multiformat video output support
Composite (CVBS), S-Video (Y/C), and Component YPrPb
(SD, ED, and HD)
Rovi® Rev. 7.1.L1 (SD) and Rev. 1.4 (ED) compliant
Simultaneous SD and ED/HD operation
APPLICATIONS
High-end A/V receivers
Upconverting DVD players/recorders
Blu-ray players/recorders
Set-top boxes
Video conferencing
Standalone video processors
HDMI splitters
FUNCTIONAL BLOCK DIAGRAM
OSD
24-BIT
INPUT
VIDEO
36-BIT
INPUT
Rx
AUDIO INPUT
DDR2 INTERFACE
VIDEO PROCESSING
DETAIL
ENHANCE
LOW ANGLE
PROCESSING
CADENCE
DETECTION
MOTION
DETECTION
CUE
CORRECTION
DE-INTERLACER
NOISE
REDUCTION
ENHANCE
OSD BUILD
AND SCALE
DUAL SCALER
AND
OSD BLEND
FRC
ADV8002
HDMI Tx1
HDMI Tx2
HD VIDEO
DACs
SD VIDEO
DACs
HDMI
HDMI
TTL DATA
TTL DATA
HDMI
SD VIDEO
HD VIDEO
Figure 1.
For more information on the ADV8002, contact a local Analog Devices sales office.


Similar Part No. - ADV8002KBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
More results

Similar Description - ADV8002KBCZ

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
VIDEO AMP MERGED OSD PROCESSOR
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
Motorola, Inc
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Advantech Co., Ltd.
DSP-8664 ADVANTECH-DSP-8664_15 Datasheet
437Kb / 2P
2ch HDMI/SDI Video Encoder Card with SDK
logo
Motorola, Inc
MC13282A MOTOROLA-MC13282A Datasheet
268Kb / 12P
100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Analog Devices
ADV8003 AD-ADV8003 Datasheet
888Kb / 64P
NatureVue Video Signal Processor
Aug-2013
ADV8005 AD-ADV8005 Datasheet
506Kb / 52P
NatureVue Video Signal Processor
6/14-Revision 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com