Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCFDFSB09E2 Datasheet(PDF) 2 Page - Dubilier

Part # DBCFDFSB09E2
Description  FILTERED D CONNECTORS SOLDER BUCKET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCFDFSB09E2 Datasheet(HTML) 2 Page - Dubilier

  DBCFDFSB09E2 Datasheet HTML 1Page - Dubilier DBCFDFSB09E2 Datasheet HTML 2Page - Dubilier DBCFDFSB09E2 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
271
FILTERED D CONNECTORS
SOLDER PIN STRAIGHT
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
9, 15, 25, or 37 way
Turned Pin (Machined) Contact
Gold Plated Contacts
Metal Housing
Current Rating - 5Amps
Four standard capacitor values
10ϒ
A
C
B
SOCKET
1.2 ±0.2
C
B
PLUG
A
12.93 -0.76
12.93 -0.76
4.5
10ϒ
ø3 +0.2
ø0.6
1.4 ±0.2
ø3 +0.2
8.02 -0.25
10.87 -0.25
15.75 -0.76
10.25
6.3 ±0.25
4.5
8.23 +0.25
10.95 +0.25
15.75 -0.76
15.75 -0.76
ø0.6
+0.5
-0.2
10.25 +0.5
-0.2
D
5.5
5.5
DBC
FD
M
SS
Dubilier
Connectors
Series
FD = Filtered D
Connector Type
M = Male(plug)
F = Female(socket)
Contact Style
SS = Solder Straight
Nº of Ways
09 = 9ways
15 = 15ways
25 = 25ways
37 = 37ways
Capacitor Value
A = 144pF - 216pF
B = 296pF - 444pF
D = 664pF - 996pF
E =1040pF-1560pF
Quality Class
3 = class 3
2 = class 2
1 = class 1
09
E
3
No. of pos. A -0.76
B -0.25
C
9
31.19
16.46
25.00
15
39.52
24.79
33.30
25
53.42
38.50
47.04
37
69.70
54.96
63.50
50
67.31
52.55
61.10
+0.12
- 0.13
+0.12
- 0.13
+0.14
- 0.11
±0.13
±0.13
No. of pos. A -0.76
B +0.25
C
D -0.30
9
31.19
16.79
25.00
6.12
15
39.52
25.12
33.30
6.12
25
53.42
38.84
47.04
5.99
37
69.70
55.30
63.50
5.99
50
67.31
52.68
61.10
5.99
+0.12
- 0.13
+0.12
- 0.13
+0.14
- 0.11
±0.13
±0.13
Insulators:
Polyester GF UL 94 V-0
Contacts:
Copper alloy
Contact finish:
Hard - Gold-plated over nickel, solder area
Tin plated
Housing:
Steel tin plated
Working voltage:
100 VDC
Insulation Gr. A according to VDE 0110
Dielectric stand. voltage:
424V DC
707V DC
Standard
High voltage
Contact resistance:
Max 10mΩ
Insulation resistance:
≤ 1GΩ@100 VDC
Current rating:
5,0 A (20°C)
Voltage surge 10/700 µ:
300V
500V
Standard High voltage
Mating / Unmating forces: 9-pol. <30
15-pol. < 50
25-pol. < 83 37-pol. < 123
50-pol. < 167
Temperature
range working:
-25° to + 105°C
Humidity:
40° C / 85 %
Capacitor values:
Typ A, 180 pF
Typ B, 370 pF
Typ D, 830 pF
Quality class:
Typ E. 1300 pF
Quality class 3= 50 mating cycles
Quality class 2= 200 mating cycles
Quality class 1= 500 mating cycles
www.dubilier.co.uk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com