Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR540MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR540MFS
Description  SWITCHMODE Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR540MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR540MFS Datasheet HTML 1Page - ON Semiconductor MBR540MFS Datasheet HTML 2Page - ON Semiconductor MBR540MFS Datasheet HTML 3Page - ON Semiconductor MBR540MFS Datasheet HTML 4Page - ON Semiconductor MBR540MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR540MFS, NRVB540MFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
35
20
15
10
0
1.E+00
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating TO−220AB
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
30
20
10
0
10
100
1000
160
140
120
100
80
60
0
1
3
4
5
7
9
10
0.7
TA = 175°C
TA = 100°C
TA = 150°C
TA = −40°C
TA = 25°C
0.6
0.7
TA = 175°C
TA = 100°C
TA = 150°C
TA = −40°C
TA = 25°C
1.E−01
1.E−02
1.E−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
1.E−09
1.E−10
TA = 175°C
TA = 150°C
TA = 100°C
TA = −40°C
TA = 25°C
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
20
30
15
35
10
0
1.E+00
1.E−01
1.E−02
1.E−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
1.E−09
25
40
TJ = 25°C
2
6
8
RqJC = 2.4°C/W
Square Wave
DC
40
40
TA = 175°C
TA = 150°C
TA = 100°C
TA = −40°C
TA = 25°C
530
25
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com