Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603HP-R11XGLU Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603HP-R11XGLU
Description  Chip Inductors ??0603HP Series (1608)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603HP-R11XGLU Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603HP-R11XGLU Datasheet HTML 1Page - Coilcraft lnc. 0603HP-R11XGLU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0603HP Series (1608)
Designer’s Kits C406A and B contain 10 each of all 5% values
Designer’s Kits C406A-2 and B-2 contain 10 each of all 2% values
Document 537-2
Document 537-2 Revised 03/25/13
L test
Q typ
SRF
DCR
Inductance2 Percent
freq
at
900 MHz
1.7 GHz
typ4
max5
Irms6 Color
Part number1
(nH)
tol
(MHz) 250 MHz
L typ Q typ3
L typ Q typ3
(GHz) (Ohms) (mA)
code
0603HP-1N8XJL_
1.8
5
250
23
1.77
40
1.77
65
16.0
0.033
2100
Black
0603HP-2N2XJL_
2.2
5
250
13
2.14
25
2.12
35
15.0
0.180
900 Yellow
0603HP-3N3X_L_
3.3
5,3,2
250
32
3.28
67
3.32
104
9.60
0.024
1900
Blue
0603HP-3N6X_L_
3.6
5,3,2
250
40
3.59
70
3.62
116
9.70
0.031
1900
Red
0603HP-3N9X_L_
3.9
5,3,2
250
35
3.88
68
3.95
108
7.50
0.039
1600 Brown
0603HP-4N3X_L_
4.3
5,3,2
250
30
4.29
58
4.31
91
7.50
0.080
1300 Orange
0603HP-4N7X_L_
4.7
5,3,2
250
26
4.65
48
4.71
75
7.90
0.100
1100
Violet
0603HP-5N1X_L_
5.1
5,3,2
250
40
5.08
84
5.12
140
8.90
0.036
1700 Green
0603HP-5N6X_L_
5.6
5,3,2
250
48
5.60
87
5.73
145
6.60
0.036
1700
Black
0603HP-6N0X_L_
6.0
5,3,2
250
49
5.92
94
6.12
154
6.00
0.036
1700
White
0603HP-6N8X_L_
6.8
5,3,2
250
42
6.83
88
7.05
143
5.80
0.042
1400
Red
0603HP-7N2X_L_
7.2
5,3,2
250
48
7.25
96
7.38
139
5.40
0.052
1400 Green
0603HP-7N5X_L_
7.5
5,3,2
250
41
7.55
81
7.85
112
5.30
0.080
1300 Brown
0603HP-8N2X_L_
8.2
5,3,2
250
46
8.21
96
8.39
148
5.90
0.054
1400 Orange
0603HP-8N7X_L_
8.7
5,3,2
250
46
8.73
97
9.00
149
5.50
0.054
1400 Yellow
0603HP-9N1X_L_
9.1
5,3,2
250
40
9.18
76
9.64
109
5.10
0.037
1400
Black
0603HP-9N5X_L_
9.5
5,3,2
250
49
9.56
98
9.99
149
4.90
0.053
1400
Blue
0603HP-10NX_L_
10
5,3,2
250
49
10.16
90
10.64
142
4.30
0.048
1400 Orange
0603HP-11NX_L_
11
5,3,2
250
41
11.06
78
11.82
108
4.10
0.058
1400
Gray
0603HP-12NX_L_
12
5,3,2
250
37
12.26
69
13.20
91
4.10
0.088
1100 Yellow
0603HP-15NX_L_
15
5,3,2
250
48
15.41
83
17.20
124
3.60
0.078
1200 Green
0603HP-16NX_L_
16
5,3,2
250
45
16.37
77
18.70
116
3.50
0.085
1100
White
0603HP-18NX_L_
18
5,3,2
250
41
18.56
76
20.90
100
3.30
0.066
1200
Blue
0603HP-22NX_L_
22
5,3,2
250
44
22.7
77
25.90
88
3.15
0.140
850
Violet
0603HP-23NX_L_
23
5,3,2
250
40
24.0
69
29.53
80
3.00
0.183
850 Orange
0603HP-24NX_L_
24
5,3,2
250
42
24.9
77
28.90
91
2.95
0.074
1100
Black
0603HP-27NX_L_
27
5,3,2
250
44
28.4
74
34.00
84
2.80
0.150
780
Gray
0603HP-30NX_L_
30
5,3,2
250
49
31.5
82
37.90
82
2.80
0.130
920 Brown
0603HP-33NX_L_
33
5,3,2
250
45
34.9
76
42.90
80
2.70
0.170
680
White
0603HP-36NX_L_
36
5,3,2
250
44
38.5
69
50.00
64
2.50
0.225
720
Red
0603HP-39NX_L_
39
5,3,2
250
48
41.5
78
51.90
74
2.45
0.19
680
Black
0603HP-43NX_L_
43
5,3,2
250
45
45.7
83
58.10
76
2.45
0.17
810 Orange
0603HP-47NX_L_
47
5,3,2
200
47
50.6
77
66.90
72
2.30
0.24
680 Brown
0603HP-51NX_L_
51
5,3,2
200
49
54.6
73
71.30
62
2.30
0.28
660
Blue
0603HP-56NX_L_
56
5,3,2
200
50
60.3
74
79.90
56
2.20
0.30
610
Red
0603HP-68NX_L_
68
5,3,2
200
46
75.5
73
113.3
49
2.00
0.33
600 Orange
0603HP-72NX_L_
72
5,3,2
150
46
80.8
69
—
—
1.90
0.42
550 Yellow
0603HP-75NX_L_
75
5,3,2
150
46
84.6
71
—
—
1.90
0.52
500
Violet
0603HP-82NX_L_
82
5,3,2
150
45
94.0
62
—
—
1.80
0.46
510 Green
0603HP-91NX_L_
91
5,3,2
150
45
103.0
64
—
—
1.65
0.58
440
White
0603HP-R10X_L_
100
5,3,2
150
49
114.0
69
—
—
1.70
0.54
470
Blue
0603HP-R11X_L_
110
5,3,2
150
47
126.2
63
—
—
1.60
0.58
440
Violet
0603HP-R12X_L_
120
5,3,2
150
47
142.4
61
—
—
1.55
0.72
420
Gray
0603HP-R15X_L_
150
5,3,2
150
47
188.8
57
—
—
1.35
0.82
390
White
0603HP-R18X_L_
180
5,3,2
100
48
232.2
50
—
—
1.30
1.50
310
Black
0603HP-R20X_L_
200
5,3,2
100
47
265.0
47
—
—
1.25
2.00
280 Green
0603HP-R21X_L_
210
5,3,2
100
48
288.0
45
—
—
1.20
2.00
280
Gray
0603HP-R22X_L_
220
5,3,2
100
47
315.0
41
—
—
1.10
2.00
280 Brown
0603HP-R25X_L_
250
5,3,2
100
45
—
—
—
—
1.05
3.00
240
Violet
0603HP-R27X_L_
270
5,3,2
100
46
—
—
—
—
1.05
2.25
260
Red
0603HP-R30X_L_
300
5,3,2
100
47
—
—
—
—
0.99
2.80
220 Green
0603HP-R33X_L_
330
5,3,2
100
46
—
—
—
—
0.93
3.60
180
Blue
0603HP-R36X_L_
360
5,3,2
100
47
—
—
—
—
0.93
4.00
170
Gray
0603HP-R39X_L_
390
5,3,2
100
47
—
—
—
—
0.88
4.00
170 Yellow
1. When ordering, please specify
tolerance, termination and packaging codes:
0603HP-R39XJLW
Tolerance:
G = 2% H = 3% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-palla-
dium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: W = 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready. To
have a leader and trailer added ($25 charge), use code
letter W instead.
2. Inductance tested at listed frequency using an Agilent/HP 4286A impedance
analyzer with a Coilcraft SMD-A fixture and Coilcraft-provided correlation
pieces.
3. Q measured using an Agilent/HP 16197 test fixture in an Agilent/HP 4291
impedance analyzer.
4. SRF measured using an Agilent/HP 8722ES network analyzer and a Coil-
craft SMD-D test fixture.
5. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test fixture.
6. Current that causes a 15°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com