Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008HT-R18TJLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008HT-R18TJLC
Description  Chip Inductor - 1008HT Series (2520)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008HT-R18TJLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008HT-R18TJLC Datasheet HTML 1Page - Coilcraft lnc. 1008HT-R18TJLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductor –1008HT Series (2520)
Document 169-1
Document 169-1 Revised 01/18/12
1. When ordering, specify
tolerance, termination and packaging codes:
1008HT-R56TJLC
Tolerance:
F = 1% G = 2% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (7500 parts per full reel).
Inductance2
Percent
SRF min5
DCR max6
Irms7
Part number1
(nH)
tolerance3
Q min4
(MHz)
(Ohms)
(mA)
1008HT-3N3TJL_
3.3 @ 250 MHz
5
65 @ 1500 MHz
7900
0.025
1000
1008HT-6N8TJL_
6.8 @ 250 MHz
5
70 @ 1500 MHz
5500
0.05
1000
1008HT-7N2TJL_
7.2 @ 250 MHz
5
70 @ 1500 MHz
4800
0.05
1000
1008HT-12NTJL_
12 @ 250 MHz
5
55 @ 700 MHz
3800
0.065
1000
1008HT-15NTJL_
15 @ 250 MHz
5
55 @ 700 MHz
2800
0.08
1000
1008HT-18NTJL_
18 @ 250 MHz
5
55 @ 500 MHz
3000
0.09
1000
1008HT-22NTJL_
22 @ 250 MHz
5
55 @ 500 MHz
2600
0.11
950
1008HT-27NT_L_
27 @ 250 MHz
5,2
55 @ 500 MHz
2400
0.13
850
1008HT-33NT_L_
33 @ 200 MHz
5,2
55 @ 350 MHz
2000
0.135
760
1008HT-39NT_L_
39 @ 200 MHz
5,2
55 @ 350 MHz
1900
0.17
700
1008HT-47NT_L_
47 @ 200 MHz
5,2,1
55 @ 350 MHz
1500
0.18
660
1008HT-56NT_L_
56 @ 150 MHz
5,2,1
50 @ 300 MHz
1500
0.18
620
1008HT-68NT_L_
68 @ 150 MHz
5,2,1
50 @ 300 MHz
1500
0.23
550
1008HT-82NT_L_
82 @ 150 MHz
5,2,1
40 @ 250 MHz
1300
0.35
500
1008HT-R10T_L_
100 @ 100 MHz
5,2,1
40 @ 250 MHz
1200
0.64
420
1008HT-R12T_L_
120 @ 100 MHz
5,2,1
40 @ 200 MHz
1090
0.55
350
1008HT-R14T_L_
140 @ 100 MHz
5,2,1
40 @ 200 MHz
1100
0.70
320
1008HT-R15T_L_
150 @ 100 MHz
5,2,1
40 @ 200 MHz
960
0.75
300
1008HT-R18T_L_
180 @ 50 MHz
5,2,1
40 @ 200 MHz
920
1.02
250
1008HT-R22T_L_
220 @ 50 MHz
5,2,1
34 @ 100 MHz
750
1.15
250
1008HT-R24T_L_
240 @ 50 MHz
5,2
32 @ 100 MHz
800
1.15
250
1008HT-R27T_L_
270 @ 50 MHz
5,2
32 @ 100 MHz
770
1.25
250
1008HT-R33T_L_
330 @ 25 MHz
5,2
32 @ 100 MHz
635
1.35
250
1008HT-R39T_L_
390 @ 25 MHz
5,2
32 @ 100 MHz
555
1.45
250
1008HT-R47T_L_
470 @ 25 MHz
5,2
32 @ 100 MHz
530
1.65
240
1008HT-R56T_L_
560 @ 25 MHz
5,2
32 @ 100 MHz
485
1.90
240
• Low-profile inductors are 60% the height of our other 1008
size parts.
• They feature high SRFs and very high Q factors.
Coilcraft
Designer’s Kit C322 contains samples of all
5% inductance tolerance parts. To order, please contact
Coilcraft or order on-line at
http://order.coilcraft.com.
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer with Coilcraft-provided correlation
pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
5. SRF measured using an Agilent/HP 8720D network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF840 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
See Color Coding section for part marking data.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - 1008HT-R18TJLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HT-R18T_L COILCRAFT-1008HT-R18T_L Datasheet
219Kb / 2P
Chip Inductor
More results

Similar Description - 1008HT-R18TJLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008CS-911XFLC COILCRAFT-1008CS-911XFLC Datasheet
161Kb / 2P
Chip Inductors - 1008CS Series (2520)
1008LS-473XJLB COILCRAFT-1008LS-473XJLB Datasheet
151Kb / 2P
Chip Inductors - 1008LS (2520)
1008CS-270XGLC COILCRAFT-1008CS-270XGLC Datasheet
104Kb / 2P
Chip Inductors ??1008CS Series (2520)
1008CS-331XJLB COILCRAFT-1008CS-331XJLB Datasheet
104Kb / 2P
Chip Inductors ??1008CS Series (2520)
1008CS-621XJBC COILCRAFT-1008CS-621XJBC Datasheet
104Kb / 2P
Chip Inductors ??1008CS Series (2520)
1008CS-100XJBC COILCRAFT-1008CS-100XJBC Datasheet
104Kb / 2P
Chip Inductors - 1008CS Series (2520)
1008HQ-39NXGLC COILCRAFT-1008HQ-39NXGLC Datasheet
93Kb / 2P
Chip Inductors - 1008HQ (2520)
1008LS-393XJLB COILCRAFT-1008LS-393XJLB Datasheet
100Kb / 2P
Chip Inductors - 1008LS (2520)
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
213Kb / 2P
Chip Inductors ??1008CS Series (2520)
1008CS-102XGLB COILCRAFT-1008CS-102XGLB Datasheet
213Kb / 2P
Chip Inductors ??1008CS Series (2520)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com