Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805HT-R39TGLB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0805HT-R39TGLB
Description  Chip Inductors - 0805HT (2012)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805HT-R39TGLB Datasheet(HTML) 2 Page - Coilcraft lnc.

  0805HT-R39TGLB Datasheet HTML 1Page - Coilcraft lnc. 0805HT-R39TGLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0805HT Series (2012)
Document 168-2
Document 168-2 Revised 01/18/12
Typical Q vs Frequency
Typical L vs Frequency
120
100
60
80
20
40
10
100
Frequency (MHz)
1000
10000
0
3.9 nH
39 nH
12 nH
22 nH
120 nH
1
10
0
100
Frequency (MHz)
1000
10000
200
150
100
50
3.9 nH
18 nH
33 nH
82 nH
150 nH
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C321 contains samples of all 5% tolerance parts
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 6.0 – 6.9 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel; Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 0.9 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
Terminal wraparound:
approx 0.010/0,25 both ends
Recommended
Land Pattern
Pick and
place
material
A
B
C
max
max
max
E
F
G
H
I
J
0.085 0.060 0.035 0.050 0.017 0.045 0.070 0.040 0.030 inches
2,16
1,52
0,89
1,27
0,43
1,14
1,78
1,02
0,76
mm
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com