Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603HP-R36XGLW Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603HP-R36XGLW
Description  Chip Inductors ??0603HP Series (1608)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603HP-R36XGLW Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603HP-R36XGLW Datasheet HTML 1Page - Coilcraft lnc. 0603HP-R36XGLW Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ChipInductors–0603HPSeries(1608)
Document 537 -1
Document 537-1 Revised 03/25/13
Current Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
•Higher Q and lower DCR than other 0603 inductors
•Highest SRF values – as high as 16 GHz
•Excellent current handling capability – up to 2100 mA
•54 inductance values from 1.8 to 390 nH
0
20
40
60
80
100
120
140
160
10
100
10000
1000
Frequency (MHz)
10 nH
150 nH
330 nH
24 nH
51 nH
82 nH
Typical Q vs Frequency
Typical L vs Frequency
1
10
100
1000
10
100
10000
1000
Frequency (MHz)
150 nH
330 nH
10 nH
24 nH
51 nH
82 nH
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 2.0 – 3.2 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 1 mm thick,
4 mm pocket spacing
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
A
B
overall
C
D
I
I
J
F
F
G
H
Recommended
Land Pattern
E
terminal
Terminal wraparound:
approx 0.01/0,24 both ends
Pick and
place
material
A
B
C
max (min – max) max
D
E
F
G
H
I
J
0.069 0.034 – 0.043 0.037 0.015 0.029 0.013 0.038 0.040 0.027 0.028 inches
1,75 0,86 – 1,09 0,94 0,38 0,74 0,33 0,96 1,02 0,69 0,71 mm
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 0603HP-R36XGLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603HP-R36XGLW COILCRAFT-0603HP-R36XGLW Datasheet
150Kb / 2P
Chip Inductors - 0603HP Series
More results

Similar Description - 0603HP-R36XGLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CT-7N2XGLU COILCRAFT-0603CT-7N2XGLU Datasheet
149Kb / 2P
Chip Inductors ??0603CT (1608)
0603CS-3N6XJLW COILCRAFT-0603CS-3N6XJLW Datasheet
101Kb / 2P
Chip Inductors ??0603CS (1608)
0603LS-681XJBC COILCRAFT-0603LS-681XJBC Datasheet
97Kb / 2P
Chip Inductors ??0603LS (1608)
0603CS-47NXGLU COILCRAFT-0603CS-47NXGLU Datasheet
146Kb / 2P
Chip Inductors ??0603CS (1608)
0603CS-3N3XGLW COILCRAFT-0603CS-3N3XGLW Datasheet
101Kb / 2P
Chip Inductors - 0603CS (1608)
0603HC-7N5XJLW COILCRAFT-0603HC-7N5XJLW Datasheet
104Kb / 2P
Chip Inductors - 0603HC (1608)
0603HP-R12XGLU COILCRAFT-0603HP-R12XGLU Datasheet
102Kb / 2P
Chip Inductors ??0603HP Series
0603LS-472XJLB COILCRAFT-0603LS-472XJLB Datasheet
150Kb / 2P
Chip Inductors ??0603LS (1608)
0603CS-82NXJLU COILCRAFT-0603CS-82NXJLU Datasheet
146Kb / 2P
Chip Inductors ??0603CS (1608)
0603HP-R39XGLW COILCRAFT-0603HP-R39XGLW Datasheet
150Kb / 2P
Chip Inductors - 0603HP Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com