Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS1034ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS1034ADE4
Description  HEX DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS1034ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS1034ADE4 Datasheet HTML 1Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 2Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 3Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 4Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 5Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 6Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 7Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 8Page - Texas Instruments SN74AS1034ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54ALS1034, SN54AS1034A, SN74ALS1034, SN74AS1034A
HEX DRIVERS
SDAS053B − APRIL 1982 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• ′AS1034A Offer High Capacitive-Drive
Capability
• Noninverting Drivers
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These
devices
contain
six
independent
noninverting drivers. They perform the Boolean
function Y = A.
The SN54ALS1034 and SN54AS1034A are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS1034
and
SN74AS1034A
are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer)
INPUT
A
OUTPUT
Y
H
H
L
L
logic symbol†
logic diagram (positive logic)
1Y
2
2Y
4
3Y
6
4Y
8
5Y
10
6Y
12
1
1A
3
2A
5
3A
9
4A
11
5A
13
6A
6A
6Y
5A
5Y
4A
4Y
3A
3Y
2A
2Y
1Y
1A
3
5
9
11
13
12
4
6
8
10
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS1034, SN54AS1034A ...J PACKAGE
SN74ALS1034, SN74AS1034A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54ALS1034, SN54AS1034A . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS1034ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1034ADE4 TI-SN74AS1034ADE4 Datasheet
635Kb / 16P
HEX DRIVERS
More results

Similar Description - SN74AS1034ADE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16149 NSC-DS16149 Datasheet
132Kb / 6P
Hex MOS Drivers
logo
Texas Instruments
SN54ALS1034 TI-SN54ALS1034 Datasheet
120Kb / 8P
HEX DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
HEX INVERTING DRIVERS
SN54ALS1034 TI-SN54ALS1034_07 Datasheet
635Kb / 16P
HEX DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
HEX INVERTING DRIVERS
DS16149 TI1-DS16149_11 Datasheet
381Kb / 8P
Hex MOS Drivers
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
HEX 2-INPUT NOR DRIVERS
SN5406 TI1-SN5406_15 Datasheet
1,016Kb / 17P
HEX INVERTER BUFFERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com