Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD200 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSD200
Description  Glass Passivated Three Phase Rectifier Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSD200 Datasheet(HTML) 2 Page - Microsemi Corporation

  MSD200 Datasheet HTML 1Page - Microsemi Corporation MSD200 Datasheet HTML 2Page - Microsemi Corporation MSD200 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSD200
MSD200-Rev 1
www.microsemi.com
Dec, 2009
2/4
Performance Curves
Fig1. Forward Characteristics
Fig3. Transient thermal impedance
Fig2. Power dissipation
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5.Forward Current Derating Curve
Zth(j-C)
Typ.
25
℃
125
℃
IF
400
A
300
200
100
0
0
VF
0.5
1.0
1.5
2.0 V
0.001
0.01
0.1
1
10
100 S
1
10
cycles 100
0 Tc
50
100
150 °C
250
A
200
150
0
100
50
ID
50Hz
0.5
℃/ W
0
0.25
2250
1500
750
0
3000
A
W
0
480
240
Pvtot
0 ID
100
200 A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com