Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3583 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3583
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3583 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3583 Datasheet HTML 1Page - Renesas Technology Corp 2SC3583 Datasheet HTML 2Page - Renesas Technology Corp 2SC3583 Datasheet HTML 3Page - Renesas Technology Corp 2SC3583 Datasheet HTML 4Page - Renesas Technology Corp 2SC3583 Datasheet HTML 5Page - Renesas Technology Corp 2SC3583 Datasheet HTML 6Page - Renesas Technology Corp 2SC3583 Datasheet HTML 7Page - Renesas Technology Corp 2SC3583 Datasheet HTML 8Page - Renesas Technology Corp 2SC3583 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2
2SC3583
TYPICAL CHARACTERISTICS (TA = 25
C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
100
0
10
20
50
100
200
50
1
5
10
50
0.5
100
150
TA-Ambient Temperature-
°C
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 8 V
0
5
10
15
0.5
1
5
10
50 70
IC-Collector Current-mA
INSERTION GAIN vs.
COLLECTOR CURRENT
VCE = 8 V
f = 1.0 GHz
0.1
0.5
0.3
0.2
0.7
1
3
2
13
25
7
10
20
30
VCB-Collector to Base Voltage-V
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
f = 1.0 MHz
0
12
8
4
16
20
0.1
0.3
0.2
0.5 0.7.
1.0
2.0
3.0
f-Frequency-GHz
INSERTION GAIN, MAXIMUM AVAILABLE
GAIN vs. FREQUENCY
VCE = 8 V
IC = 20 mA
1
5
3
2
7
10
30
20
13
25
7
10
20
30
IC-Collector Current-mA
GAIN BANDWIDTH PRODUUT vs.
COLLECTOR CURRENT
VCE = 8 V
Free air
|S21e|2
MAG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com