Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3585 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3585
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3585 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3585 Datasheet HTML 1Page - Renesas Technology Corp 2SC3585 Datasheet HTML 2Page - Renesas Technology Corp 2SC3585 Datasheet HTML 3Page - Renesas Technology Corp 2SC3585 Datasheet HTML 4Page - Renesas Technology Corp 2SC3585 Datasheet HTML 5Page - Renesas Technology Corp 2SC3585 Datasheet HTML 6Page - Renesas Technology Corp 2SC3585 Datasheet HTML 7Page - Renesas Technology Corp 2SC3585 Datasheet HTML 8Page - Renesas Technology Corp 2SC3585 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC3585
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISOR
DATA SHEET
Document No. P10361EJ4V1DS00 (4th edition)
Date Published March 1997 N
Printed in Japan
1984
©
DESCRIPTION
The 2SC3585 is an NPN epitaxial silicon transistor designed for use in
low-noise and small signal amplifiers from VHF band to UHF band. The
2SC3585 features excellent power gain with very low-noise figures. The
2SC3585 employs direct nitride passivated base surface process (DNP
process) which is an NEC proprietary new fabrication technique which
provides excellent noise figures at high current values.
This allows
excellent associated gain and very wide dynamic range.
FEATURES
• NF
1.8 dB TYP.
@f = 2.0 GHz
• Ga
9 dB TYP.
@f = 2.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
AVCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
AVEB = 1 V, IC = 0
DC Current Gain
hFE *
50
100
250
VCE = 6 V, IC = 10 mA
Gain Bandwidth Product
fT
10
GHz
VCE = 6 V, IC = 10 mA
Feed-Back Capacitance
Cre **
0.3
0.8
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
6.0
8.0
dB
VCE = 6 V, IC = 10 mA, f = 2.0 GHz
Maximum Available Gain
MAG
10
dB
VCE = 6 V, IC = 10 mA, f = 2.0 GHz
Noise Figure
NF
1.8
3.0
dB
VCE = 6 V, IC = 5 mA, f = 2.0 GHz
*
Pulse Measurement PW
 350 s, Duty Cycle  2 %
** The emitter terminal and the case shall be connected to the gurad terminal of the three-terminal capacitance bridge.
hFE Classification
Class
R43/Q *
R44/R *
R45/S *
Marking
R43
R44
R45
hFE
50 to 100
80 to 160
125 to 250
* Old Specification / New Specification
PACKAGE DIMENSIONS
(Units: mm)
1.5
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.8±0.2
0.65
+0.1
−0.15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com