Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4093 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4093
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4093 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4093 Datasheet HTML 1Page - Renesas Technology Corp 2SC4093 Datasheet HTML 2Page - Renesas Technology Corp 2SC4093 Datasheet HTML 3Page - Renesas Technology Corp 2SC4093 Datasheet HTML 4Page - Renesas Technology Corp 2SC4093 Datasheet HTML 5Page - Renesas Technology Corp 2SC4093 Datasheet HTML 6Page - Renesas Technology Corp 2SC4093 Datasheet HTML 7Page - Renesas Technology Corp 2SC4093 Datasheet HTML 8Page - Renesas Technology Corp 2SC4093 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DESCRIPTION
The 2SC4093 is an NPN silicon epitaxial transistor designed for low noise amplifier at VHF, UHF and CATV band.
It has large dynamic range and good current characteristics, and is contained in a 4-pin minimold package which
enables high-isolation gain.
FEATURES
• Low Noise
NF = 1.1 dB TYP. @ VCE = 10 V, IC = 7 mA, f = 1 GHz
• High Power gain
S21e2 = 13 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1 GHz
•
Maximum available power gain: MAG = 14.2 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1 GHz
• 4-pin minimold Package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC4093
50 pcs (Non reel)
2SC4093-T1
3 kpcs/reel
• 8 mm wide embossed taping
• Pin 3 (Base), Pin 4 (Emitter) face to perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Free air
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TRANSISTOR
2SC4093
NPN EPITAXIAL SILICON RF TRANSISTOR
FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
4-PIN MINIMOLD
The mark
shows major revised points.
Document No. PU10519EJ01V0DS (1st edition)
(Previous No. P10365EJ3V1DS00)
Date Published October 2004 CP(K)
Printed in Japan
© NEC Compound Semiconductor Devices, Ltd. 1991, 2004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com