Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4094 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4094
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4094 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4094 Datasheet HTML 1Page - Renesas Technology Corp 2SC4094 Datasheet HTML 2Page - Renesas Technology Corp 2SC4094 Datasheet HTML 3Page - Renesas Technology Corp 2SC4094 Datasheet HTML 4Page - Renesas Technology Corp 2SC4094 Datasheet HTML 5Page - Renesas Technology Corp 2SC4094 Datasheet HTML 6Page - Renesas Technology Corp 2SC4094 Datasheet HTML 7Page - Renesas Technology Corp 2SC4094 Datasheet HTML 8Page - Renesas Technology Corp 2SC4094 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3
2SC4094
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
7
6
5
4
3
2
1
0
VCE = 8 V
f = 1.0 GHz
S-PARAMETER
VCE = 8.0 V, IC = 5.0 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.774
0.631
0.523
0.460
0.426
0.416
0.417
0.430
0.443
0.458
47.8
88.8
120.9
145.1
166.6
178.2
163.0
152.1
142.1
136.5
12.689
9.952
7.813
5.966
4.841
4.065
3.413
3.035
2.659
2.482
146.5
119.4
100.9
87.6
76.7
68.8
60.7
54.1
48.0
44.3
0.031
0.048
0.058
0.067
0.074
0.083
0.087
0.098
0.105
0.114
65.4
53.4
46.2
43.9
43.8
43.5
41.2
42.8
40.1
43.0
0.882
0.723
0.611
0.564
0.515
0.488
0.459
0.443
0.428
0.414
19.1
29.5
33.4
34.5
37.6
39.6
44.1
45.9
51.1
53.5
VCE = 8.0 V, IC = 20.0 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.461
0.364
0.338
0.330
0.334
0.344
0.359
0.383
0.401
0.419
89.8
135.8
163.4
177.9
163.2
153.9
143.1
136.1
128.3
124.7
23.331
13.501
9.535
7.083
5.604
4.722
3.982
3.517
3.094
2.882
121.6
99.2
86.4
77.5
69.3
63.5
56.8
51.1
45.6
42.7
0.021
0.033
0.046
0.056
0.070
0.084
0.091
0.104
0.116
0.127
60.7
61.2
61.5
62.1
60.0
60.4
54.9
54.5
49.9
50.8
0.665
0.511
0.448
0.430
0.402
0.385
0.362
0.350
0.337
0.323
27.7
30.5
29.5
29.5
32.5
34.8
39.5
42.1
47.4
50.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com