Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5008 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5008 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5008 Datasheet HTML 1Page - Renesas Technology Corp 2SC5008 Datasheet HTML 2Page - Renesas Technology Corp 2SC5008 Datasheet HTML 3Page - Renesas Technology Corp 2SC5008 Datasheet HTML 4Page - Renesas Technology Corp 2SC5008 Datasheet HTML 5Page - Renesas Technology Corp 2SC5008 Datasheet HTML 6Page - Renesas Technology Corp 2SC5008 Datasheet HTML 7Page - Renesas Technology Corp 2SC5008 Datasheet HTML 8Page - Renesas Technology Corp 2SC5008 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©
1993
DATA SHEET
DESCRIPTION
The 2SC5008 is an NPN epitaxial silicon transistor designed for use
in low noise and small signal amplifiers from VHF band to L band. Low
noise figure, high gain, and high current capability achieve a very wide
dynamic range and excellent linearity. This is achieved by direct nitride
passivated base surface, process (NEST2 process) which is an NEC
proprietary fabrication technique.
FEATURES
•
Low Voltage Use.
•
High fT: 8.0 GHz TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
Low Cre: 0.3 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz)
•
Low NF: 1.9 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
High |S21e|2: 7.5 dB TYP. (@ VCE = 3 V, IC = 5 mA, f = 2 GHz)
•
Ultra Super Mini Mold Package.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC5008
50 pcs./Unit
2SC5008-T1
3 kpcs./Reel
* Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
PT
125 mW
Junction Temperature
Tj
150
˚ C
Storage Temperature
Tstg
–65 to + 150
˚ C
SILICON TRANSISTOR
Document No. P10387EJ2V0DS00 (2nd edition)
(Previous No. TD-2433)
Date Published July 1995 P
Printed in Japan
2SC5008
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation side
of the tape.
1.6 ± 0.1
0.8 ± 0.1
2
1
3
PACKAGE DIMENSIONS
in millimeters
1. Emitter
2. Base
3. Collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com