Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5338 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5338
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5338 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5338 Datasheet HTML 2Page - Renesas Technology Corp 2SC5338 Datasheet HTML 3Page - Renesas Technology Corp 2SC5338 Datasheet HTML 4Page - Renesas Technology Corp 2SC5338 Datasheet HTML 5Page - Renesas Technology Corp 2SC5338 Datasheet HTML 6Page - Renesas Technology Corp 2SC5338 Datasheet HTML 7Page - Renesas Technology Corp 2SC5338 Datasheet HTML 8Page - Renesas Technology Corp 2SC5338 Datasheet HTML 9Page - Renesas Technology Corp 2SC5338 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet P10940EJ2V0DS
6
2SC5338
VCE = 10 V, IC = 50 mA
Frequency
S11
S21
S12
S22
(GHz)
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.699
0.540
0.461
0.423
0.403
0.383
0.355
0.338
0.333
0.322
0.303
0.306
0.295
0.276
0.283
0.282
0.283
0.287
0.290
0.300
−59.3
−97.0
−119.1
−133.2
−144.4
−150.8
−158.1
−161.3
−165.1
−172.7
−177.8
−178.3
171.3
171.0
164.5
159.5
157.3
154.8
150.4
148.7
21.061
14.088
10.216
7.898
6.431
5.407
4.640
4.093
3.723
3.406
3.245
3.278
3.074
2.644
2.397
2.208
2.088
1.986
1.886
1.787
140.1
118.4
107.1
99.9
95.0
91.8
89.3
86.7
84.9
84.0
82.6
79.5
69.9
67.0
66.2
64.7
64.1
62.6
61.7
60.7
0.037
0.057
0.066
0.076
0.087
0.099
0.110
0.118
0.129
0.137
0.150
0.159
0.168
0.180
0.198
0.208
0.220
0.232
0.247
0.254
68.2
57.8
55.0
56.4
56.6
58.7
59.6
61.4
63.9
66.0
65.6
66.2
67.6
69.7
70.5
69.1
70.0
70.0
69.4
68.4
0.860
0.629
0.464
0.409
0.375
0.363
0.327
0.323
0.310
0.324
0.333
0.371
0.377
0.347
0.363
0.342
0.344
0.366
0.371
0.361
−37.6
−62.0
−72.1
−77.1
−80.6
−86.2
−87.7
−87.8
−86.0
−83.2
−79.9
−80.5
−86.5
−86.7
−88.4
−85.6
−86.0
−87.8
−89.3
−92.9
VCE = 10 V, IC = 100 mA
Frequency
S11
S21
S12
S22
(GHz)
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.651
0.520
0.460
0.420
0.395
0.384
0.367
0.350
0.343
0.339
0.316
0.315
0.309
0.287
0.303
0.293
0.301
0.303
0.306
0.311
−64.8
−106.4
−126.5
−140.1
−150.0
−156.3
−162.9
−165.5
−169.3
−177.1
177.9
179.4
170.1
165.6
161.9
157.9
153.7
150.7
148.8
147.2
21.694
14.288
10.214
7.822
6.355
5.314
4.569
4.037
3.649
3.353
3.193
3.217
3.026
2.592
2.374
2.179
2.054
1.945
1.840
1.753
136.2
114.6
104.5
98.1
93.2
90.3
87.8
85.6
83.8
82.8
81.0
78.4
69.1
65.9
65.2
63.5
62.4
61.4
60.5
59.7
0.029
0.042
0.051
0.061
0.070
0.077
0.089
0.095
0.106
0.117
0.125
0.142
0.152
0.164
0.173
0.187
0.200
0.214
0.225
0.240
62.4
53.0
56.6
58.4
65.6
67.0
70.9
71.6
72.5
73.9
75.0
75.5
78.1
75.6
80.5
78.1
78.2
75.9
75.4
75.0
0.588
0.435
0.330
0.284
0.270
0.257
0.258
0.241
0.257
0.258
0.261
0.311
0.324
0.280
0.308
0.295
0.307
0.313
0.321
0.332
−43.4
−62.7
−73.0
−77.1
−78.8
−82.2
−82.1
−82.9
−79.5
−79.3
−73.6
−72.3
−80.4
−81.0
−82.6
−81.4
−78.7
−82.1
−82.8
−86.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com