Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5454 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5454 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5454 Datasheet HTML 1Page - Renesas Technology Corp 2SC5454 Datasheet HTML 2Page - Renesas Technology Corp 2SC5454 Datasheet HTML 3Page - Renesas Technology Corp 2SC5454 Datasheet HTML 4Page - Renesas Technology Corp 2SC5454 Datasheet HTML 5Page - Renesas Technology Corp 2SC5454 Datasheet HTML 6Page - Renesas Technology Corp 2SC5454 Datasheet HTML 7Page - Renesas Technology Corp 2SC5454 Datasheet HTML 8Page - Renesas Technology Corp 2SC5454 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1998
PRELIMINARY DATA SHEET
FEATURE
•
High gain, low noise
•
Small reverse transfer capacitance
•
Can operate at low voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
50
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
SILICON TRANSISTOR
2SC5454
NPN EPITAXIAL SILICON TRANSISTOR
4-PIN MINI MOLD
Document No. P13080EJ1V0DS00 (1st edition)
Date Published February 1998 N CP(K)
Printed in Japan
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 3 V, IC = 20 mANote 1
75
150
Gain Bandwidth Product
fT
VCE = 3 V, IC = 20 mA, f = 2 GHz
14.5
GHz
Reverse Transfer Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHzNote 2
0.3
0.5
pF
Insertion Power Gain
|S21e|2
VCE = 3 V, IC = 20 mA, f = 2 GHz
10
12.0
dB
Noise Figure
NF
VCE = 3 V, IC = 5 mA, f = 2 GHz
1.5
2.5
dB
Notes 1. Pulse measurement PW
≤ 350
µs, duty cycle ≤ 2 %
2. Collector to base capacitance measured by capacitance meter (automatic balance bridge method) when
emitter pin is connected to the guard pin.
Because this product uses high-frequency process, avoid excessive input of static electricity, etc.
The information in this document is subject to change without notice.
PACKAGE DIMENSIONS (in mm)
5°
5°
5°
5°
2.8
+0.2
–0.3
1.5
+0.2
–0.1
PIN CONNECTIONS
1: Collector
2: Emitter
3: Base
4: Emitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com