Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5455 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5455
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5455 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5455 Datasheet HTML 2Page - Renesas Technology Corp 2SC5455 Datasheet HTML 3Page - Renesas Technology Corp 2SC5455 Datasheet HTML 4Page - Renesas Technology Corp 2SC5455 Datasheet HTML 5Page - Renesas Technology Corp 2SC5455 Datasheet HTML 6Page - Renesas Technology Corp 2SC5455 Datasheet HTML 7Page - Renesas Technology Corp 2SC5455 Datasheet HTML 8Page - Renesas Technology Corp 2SC5455 Datasheet HTML 9Page - Renesas Technology Corp 2SC5455 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2SC5455
4
Preliminary Data Sheet
–20
–16
–10
–4
30
0.1
20
10
0
1
10
MAG
24
20
16
12
8
4
0
–4
–8
10
16
04
VCE = 3 V
IQ = 5 mA
f = 1 GHz
VCE = 3 V
IC = 30 mA
|S21e|2
–20 –16
–10
–4
24
20
16
12
8
4
0
–4
–8
10
16
04
VCE = 3 V
IQ = 5 mA
f = 2 GHz
MSG
f - Frequency - GHz
OUTPUT POWER vs. INPUT POWER
PIN - Input Power - dB
PIN - Input Power - dB
OUTPUT POWER vs. INPUT POWER
MAXIMUM AVAILABLE GAIN/
MAXIMUM STABLE GAIN/INSERTION
POWER GAIN vs. FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com