Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1271IBPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1271IBPW
Description  24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1271IBPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1271IBPW Datasheet HTML 9Page - Texas Instruments ADS1271IBPW Datasheet HTML 10Page - Texas Instruments ADS1271IBPW Datasheet HTML 11Page - Texas Instruments ADS1271IBPW Datasheet HTML 12Page - Texas Instruments ADS1271IBPW Datasheet HTML 13Page - Texas Instruments ADS1271IBPW Datasheet HTML 14Page - Texas Instruments ADS1271IBPW Datasheet HTML 15Page - Texas Instruments ADS1271IBPW Datasheet HTML 16Page - Texas Instruments ADS1271IBPW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
13
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, AVDD = 5V, DVDD = 1.8V, fCLK = 27MHz, VREFP = 2.5V, VREFN = 0V, unless otherwise noted.
Figure 31
NOISE vs AVDD
4.75
4.85
5.15
4.95
5.05
AVDD (V)
20
18
16
14
12
10
8
6
4
2
0
5.25
High−Resolution
High−Speed
Low−Power
Figure 32
NOISE vs DVDD
1.6
2.0
2.2
1.8
3.2
3.4
2.4
2.6
2.8
3.0
DVDD (V)
20
18
16
14
12
10
8
6
4
2
0
3.6
High−Resolution
High−Speed
Low−Power
Figure 33
NOISE vs TEMPERATURE
−40 −20
0
20
40
60
80
100
Temperature (
_C)
12
10
8
6
4
2
0
120 125
High−Resolution
High−Speed
Low−Power
Figure 34
NOISE vs INPUT LEVEL
−2.5 −2.0 −1.5 −1.0
1.5
1.0
−0.5
0.5
0
V
IN (V)
20
18
16
14
12
10
8
6
4
2
0
2.5
2.0
High−Resolution
High−Speed
Low−Power
Figure 35
AVDD CURRENT vs TEMPERATURE
−40 −20
0
20
40
60
80
100
Temperature (
_C)
22
20
18
16
14
12
10
8
6
4
2
0
120 125
High−Speed and
High−Resolution
Low−Power
Figure 36
DVDD CURRENT vs TEMPERATURE
−40 −20
0
20
40
60
80
100
Temperature (
_C)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
120 125
Low−Power
High−Resolution
High−Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com