Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1760P Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1760P
Description  Multi-Bit Enhanced Noise Shaping 20-Bit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1760P Datasheet(HTML) 2 Page - Texas Instruments

  PCM1760P Datasheet HTML 1Page - Texas Instruments PCM1760P Datasheet HTML 2Page - Texas Instruments PCM1760P Datasheet HTML 3Page - Texas Instruments PCM1760P Datasheet HTML 4Page - Texas Instruments PCM1760P Datasheet HTML 5Page - Texas Instruments PCM1760P Datasheet HTML 6Page - Texas Instruments PCM1760P Datasheet HTML 7Page - Texas Instruments PCM1760P Datasheet HTML 8Page - Texas Instruments PCM1760P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
PCM1760P/U DF1760P/U
2
SPECIFICATIONS
ELECTRICAL
At T
A = +25°C, ±VCC, ±Vdd = +5V, +VDD = +5V, fS = 48kHz and ext. components = ±2% unless otherwise noted.
PCM1760/DF1760
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
20
Bits
ANALOG INPUT
Input Range
RIN1 = 2.2kΩ±2.5
Vp-p
Input Impedance
RIN1 = 2.2kΩ
RIN1
Ω
SAMPLING FREQUENCY
Cover Range of fs
Integrator Constants: Application(1)
30
48
50
kHz
ACCURACY
Gain Error
±0.5
±1.0
dB
Gain Mismatch
±0.5
dB
Bipolar Zero Error
VIN = 0 at 20s After Power-On
±0.4
% FSR(2)
Gain Drift
0
°C to +70°C
±100
ppmfs/
°C
Bipolar Zero Drift
0
°C to +70°C
±20
ppmfs/
°C
DYNAMIC CHARACTERISTICS(4)
THD+N/(0dBFS)
P, U
fIN = 1kHz
–92
–90
dB
P-L, U-L
–90
–88
dB
THD+N/(–20dBFS)
P, U
fIN = 1kHz
–76
–70
dB
P-L, U-L
–76
–70
dB
THD+N/(–60dBFS)
P, U
fIN = 1kHz
–44
–42
dB
P-L, U-L
–44
–42
dB
Dynamic Range
P, U
fIN = 1kHz, VIN = –60dBFS, A Filter
104
108
dB
P-L, U-L
104
108
dB
SNR
P, U
VIN = 0, A Filter
108
110
dB
P-L, U-L
106
110
dB
Frequency Response
fIN = 20kHz
±0.1
dB
Channel Separation
fIN = 1kHz, A Filter
94
98
dB
DIGITAL FILTER
Over Sample Rate
64
fs
Ripple in Band
0 - 0.04535fs
±0.0001
dB
Stopband Attenuation –1
0.5465fs - 63.4535fs
–94
dB
Stopband Attenuation –2
0.5465fs - 3.4535fs
–100
dB
LOGIC INPUTS AND OUTPUTS
Logic Family Input
TTL Level Compatible CMOS
Frequency (System Clock 1)
256fs
12.288
MHz
Frequency (System Clock 2)
384fs
18.432
MHz
Duty Cycle (System Clock 1)
256fs
40
50
60
%
Duty Cycle (System Clock 2)
384fs
45
50
55
%
Data Clock Input
32
48
64
fs
Logic Family Output
CMOS
Data Clock Output
64
fs
Data Coding
Two's Complement
Data Bit Length
16
20
Bits
Data Format
Selectable
Output Data Delay
fs = 48kHz
1.5
ms
POWER SUPPLY REQUIREMENTS
Supply Voltage
±V
CC
PCM1760
±4.75
±5.0
±5.25
V
±V
dd
PCM1760
±4.75
±5.0
±5.25
V
+VDD
DF1760
4.75
5.0
5.25
V
Supply Current
+ICC
PCM1760
24
36
mA
–ICC
PCM1760
–30
–45
mA
+Idd
PCM1760
12
18
mA
–IDD
PCM1760
–8
–12
mA
+IDD –1
DF1760, Normal Mode
40
55
mA
+IDD –2
DF1760, Power-Down Mode
4
6.6
mA
Power Consumption
PCM1760
370
500
mW
DF1760, Normal Mode
200
275
mW
DF1760, Power-Down Mode
20
33
mW
TEMPERATURE RANGE
Operating
PCM1760/DF1760
0
+25
+70
°C
Storage
PCM1760/DF1760
–50
+125
°C
NOTES: (1) Integrator Constants are determined by the external components shown in the block diagram. (2) FSR means Full Scale Range, digital output code is from
90000H to 70000H, FSR = 5.0V. (3) Use 20-bit DAC, 20kHz LPF, 400Hz HPF, average response. (4) Average response using a 20-bit reconstruction DAC with 20kHz
low-pass filter and 400Hz high-pass filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com