Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN85C256API10E Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HN85C256API10E
Description  256k EEPROM (32-kword 횞 8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN85C256API10E Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HN85C256API10E Datasheet HTML 8Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 9Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 10Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 11Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 12Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 13Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 14Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 15Page - Renesas Technology Corp HN85C256API10E Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
HN58C256AI Series
R10DS0218EJ0100 Rev.1.00
Page 12 of 16
Oct 07, 2013
Functional Description
Automatic Page Write
Page-mode write feature allows 1 to 64 bytes of data to be written into the EEPROM in a single write cycle. Following
the initial byte cycle, an additional 1 to 63 bytes can be written in the same manner. Each additional byte load cycle
must be started within 30
μs from the preceding falling edge of WE or CE. When CE or WE is high for 100 μs after
data input, the EEPROM enters write mode automatically and the input data are written into the EEPROM.
Data Polling
Data polling indicates the status that the EEPROM is in a write cycle or not. If EEPROM is set to read mode during a
write cycle, an inversion of the last byte of data outputs from I/O7 to indicate that the EEPROM is performing a write
operation.
WE, CE Pin Operation
During a write cycle, addresses are latched by the falling edge of
WE or CE, and data is latched by the rising edge of
WE or CE.
Write/Erase Endurance and Data Retention Time
The endurance is 10
5 cycles in case of the page programming and 104 cycles in case of the byte programming (1%
cumulative failure rate). The data retention time is more than 10 years when a device is page-programmed less than 10
4
cycles.
Data Protection
To prevent this phenomenon, this device has a noise cancelation function that cuts noise if its width is 20 ns or less.
1. Data Protection against Noise on Control Pins (
CE, OE, WE) during Operation
During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to programming
mode by mistake. Be careful not to allow noise of a width of more than 20 ns on the control pins.
WE
CE
OE
V
0 V
V
0 V
20 ns max
IH
IH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com