Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XS3F-M421-402-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XS3F-M421-402-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-402-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  XS3F-M421-402-R Datasheet HTML 1Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 2Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 3Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 4Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 5Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M421-402-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
3
J
REPLACEMENT PARTS
Mounting brackets
Remarks
Part number
Provided with E3G-Lj1/-Lj2
E39-L139
Provided with E3G-Lj5/-Lj6
E39-L140
Specifications
Ratings/Characteristics
Sensing method
Diffuse
Part number
NPN output
E3G-L11
E3G-L15
E3G-L31
E3G-L35
PNP output
E3G-L12
E3G-L16
E3G-L32
E3G-L36
Setting range
30 to 50 mm (1.18 to 1.97 in)
(Kodak white paper, black paper: 50 x 50 mm)
50 to 200 mm (1.97 to 7.87 in)
(Kodak white paper 50 x 50 mm)
50 to 150 mm (1.97 to 5.91 in)
(black paper 50 x 50 mm)
Sensing range
5 to 50 mm (0.20 to 1.97 in)
(Kodak white paper 50 x 50 mm,
setting distance 50 mm)
5to200 mm (0.20to7.87in)
(Kodak white paper 50 x 50 mm,
setting distance 200 mm)
5to150 mm (0.20to5.91in)
(black paper 50 x 50 mm,
setting distance 150 mm)
Differential travel
4% max. of sensing distance
10% of sensing distance (typical)
Reflectivity characteristics
(black/white differential)
4% max. of sensing distance
10% max. of sensing distance
(at 50 to 150 mm setting distance)
Light source (wavelength)
Red LED (670 nm)
Infrared LED (860 nm)
Spot size
1 mm dia. max. (at 38 mm sensing distance)
15 mm dia. max. (at 150 mm sensing distance)
Supply voltage
10 to 30 VDC max. 10% (p-p) ripple
Stabilization on powerup
100 ms
Current consumption
55 mA max.
65 mA max.
Control output
100 mA max. at 30 VDC
Residual voltage: NPN output: 1.2 V max. PNP output: 2.0 V max.
Open collector output (NPN/PNP, differs depending on models)
Light-ON/Dark-ON selectable
Circuit protection
Protection from reversed power supply connection, load short--circuit, and mutual interference
Response time
Operation or reset: 1.5 ms max.
Operation or reset: 2.5 ms max.
Distance setting
Teaching (in NORMAL or ZONE mode)
Fine distance adjustment
Manual fine threshold adjustment (NORMAL mode: 13 levels/ZONE mode: 5 levels)
Indicator
Operation indicator (orange LED), distance indicator (green LED: 8 levels),
threshold indicator (red LED, NORMAL mode: 13 levels/ZONE mode: 5 levels)
Ambient light immunity
(receiver side)
Incandescent lamp: 3,000 !x max./Sunlight: 10,000 !xmax.
Ambient
Operating
--25_Cto 55_C(--13_F to 131_F) with no icing or condensation
temperature
Storage
--30_Cto 70_C(--22_F to 158_F) with no icing or condensation
Relative
h
idi
Operating
35% to 85% with no condensation
humidity
Storage
35% to 95% with no condensation
Insulation resistance
20 M! min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min.
Vibration resistance
10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y and Z axes
Shock resistance
500m/s2, 3 times each in X, Y and Z axes
Degree of protection
IEC60529 IP67 (with protective cover) in place
(This table continues on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com