Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XS3F-M421-405-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XS3F-M421-405-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-405-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  XS3F-M421-405-R Datasheet HTML 1Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 2Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 3Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 4Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 5Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
4
Specifications Table -- continued from previous page
Sensing method
Diffuse
Part number
NPN output
E3G-L11
E3G-L15
E3G-L31
E3G-L35
PNP output
E3G-L12
E3G-L16
E3G-L32
E3G-L36
Connection method
Pre-leaded
(standard length: 2 m)
M8 connector
Pre-leaded
(standard length: 2 m)
M8 connector
Weight (packed state)
Approx. 64 g
Approx. 21 g
Approx. 64 g
Approx. 21 g
Material
Case: PBT (polybutylene terephthalate). Lens: Acrylic (PMMA).
Mounting bracket: Stainless steel (SUS304)
Accessories included
Mounting bracket (with screws) and instruction sheet
Operation
J
OUTPUT CIRCUITS
Output
configuration
NPN
PNP
Part number
E3G-L11
E3G-L15
E3G-L31
E3G-L35
E3G-L12
E3G-L16
E3G-L32
E3G-L36
Output operation
Light-ON
Dark-ON
Light-ON
Dark-ON
Timing chart
Operate
Reset
(Between brown and black)
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
ON
OFF
Operate
Reset
(Between brown and black)
ON
OFF
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
Operate
Reset
(Between blue and black)
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
ON
OFF
Operate
Reset
(Between blue and black)
ON
OFF
Incident
Interrupted
Operation
indicator
(orange)
Output
transistor
Load
(relay)
ON
OFF
ON
OFF
Mode selector
L-ON (Light-ON)
D-ON (Dark-ON)
L-ON (Light-ON)
D-ON (Dark-ON)
Output circuit
J
CONNECTOR WIRING
XS3F-M421-402-R
XS3F-M421-405-R
XS3F-M422-402-R
XS3F-M422-405-R
Classification
Wire color
Connector
pin number
Use
DC
Brown
1
Power supply
(+ V)
White
2
Pin2is not
used.
Blue
3
Power supply
(0 V)
Black
4
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com