Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1579 Datasheet(PDF) 7 Page - Rohm

Part # 2SA1579
Description  PNP -50mA -120V High-Voltage Amplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1579 Datasheet(HTML) 7 Page - Rohm

  2SA1579 Datasheet HTML 1Page - Rohm 2SA1579 Datasheet HTML 2Page - Rohm 2SA1579 Datasheet HTML 3Page - Rohm 2SA1579 Datasheet HTML 4Page - Rohm 2SA1579 Datasheet HTML 5Page - Rohm 2SA1579 Datasheet HTML 6Page - Rohm 2SA1579 Datasheet HTML 7Page - Rohm 2SA1579 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SA1579 / 2SA1514K
lDimensions (Unit : mm)
Dimension in mm / inches
SMT3
D
b
x
S A
A
c
Q
A3
S
e
b2
e
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
1.00
1.30
0.039
0.051
A1
0.00
0.10
0.000
0.004
A3
b
0.35
0.50
0.014
0.020
c
0.09
0.25
0.004
0.010
D
2.80
3.00
0.110
0.118
E
1.50
1.80
0.059
0.071
e
HE
2.60
3.00
0.102
0.118
L1
0.30
0.60
0.012
0.024
Lp
0.40
0.70
0.016
0.028
Q
0.20
0.30
0.008
0.012
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b2
-
0.60
-
0.024
e1
l1
-
0.90
-
0.035
2.10
0.083
DIM
MILIMETERS
INCHES
0.25
0.010
0.95
0.037
DIM
MILIMETERS
INCHES
7/7
2013.05 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com