Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XS3F-M422-405-R Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # XS3F-M422-405-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M422-405-R Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button XS3F-M422-405-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 9Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 10Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 11Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 12Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 13Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 14Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 15Page - Omron Electronics LLC XS3F-M422-405-R Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
13
J
ADJUSTMENTS (CONT.)
Manual Teaching (Fine Distance Setting)
Procedure
Operation
Panel status
Fine adjustment of the threshold is possible after teaching.
SET pressed
with UP/
DOWN se-
lector set to
Threshold increases
OUT
NORM L
1
Set the mode selector to ADJ.
lector set to
UP.
SET pressed
with UP/
DOWN se-
lector set to
DOWN.
Threshold decreases
Threshold Indicator Display During
RUN
ADJ
TEACH
ZONE D
NEAR
FAR
SET
Press
2
Set the adjustment direction in the ADJ mode with the
UP/DOWN selector.
The threshold changes each time the SET button is pressed.
The setting can be made in up to 13 levels (for normal
one--point or two--point teaching).
Threshold Indicator Display During
Distance Adjustment
Fi
dj t
t l
l f
t
hi
Max. 13 adjustment levels for normal teaching
12
3
4
5
6
7
8
9
10
13
12
11
3
After the adjustment is complete, set the mode selector to
RUN.
Five adjustment levels for zone teaching
12
3
4
5
Threshold and Distance Indicator Displays
Display for Distance Setting with Normal One-point or Two-
point Teaching
UP
UP
Control output: ON
DOWN
DOWN
Control output: ON
The distance indicators show the distance level. The distance
indicators show distances relative to the threshold.
The threshold can be shifted using the UP/DOWN selector and
SET button. The differential travel is fixed.
Display for Distance Setting with Zone Teaching
The distance indicators show the current distance band. The
distance indicators show distances relative to the threshold.
The ON range can be shifted using the UP/DOWN selector and
SET button. The differential travel is fixed.
UP
UP
Control output: ON
DOWN
(No change)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com