Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM188ES-40VCW Datasheet(PDF) 39 Page - InnovASIC, Inc

Part # AM188ES-40VCW
Description  8-Bit/16-Bit Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AM188ES-40VCW Datasheet(HTML) 39 Page - InnovASIC, Inc

Back Button AM188ES-40VCW Datasheet HTML 35Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 36Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 37Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 38Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 39Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 40Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 41Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 42Page - InnovASIC, Inc AM188ES-40VCW Datasheet HTML 43Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 39 of 154
1-888-824-4184
®
during both bus hold and reset. These outputs are asserted with the ad address bus over a
256 byte range each.
2.2.28 pcs2_n/cts1_n/enrx1_n/pio18
—Peripheral Chip Select 2 (synchronous
output)/Clear-to-Send 1 (asynchronous input)/Enable-Receiver-Request 1
(asynchronous input)
The pcs2_n signal provides an indication that a memory access is under way for the third region
of the peripheral memory block (I/O or memory address space). The base address of the
peripheral memory block is programmable. The pcs2_n is held high during both bus hold and
reset. This output is asserted with the ad address bus over a 256-byte range.
The cts1_n is the Clear-to-Send signal for asynchronous serial port 1 when the ENRX1 bit
(Bit [6]) in the auxiliary control register (AUXCON) is 0 and hardware flow control is enabled
for this port (FC bit [Bit (9)] in the serial port 1 control register [SP1CT]). This signal controls
the transmission of data from the serial port transmit register 1. When this signal is asserted, the
transmitter begins sending out a frame of data if any is in the transmit register, whereas if the
signal is deasserted, the data will be held in the transmit register. The signal is checked at the
beginning of each frame of transmit data.
The enrx1_n is the Enable-Receiver-Request for asynchronous serial port 1 when the enrx1 bit
(Bit [6]) in the auxiliary control register (AUXCON) is 1 and hardware flow control is enabled
for this port (FC bit [Bit (9)] in the serial port 1 control register [SP1CT]). This signal enables
the receiver of asynchronous serial port 1.
2.2.29 pcs3_n/rts1_n/rtr1_n/pio18
—Peripheral Chip Select 3 (synchronous
output)/Ready-to-Send 1 (asynchronous output)/Ready-to-Receive 1
(asynchronous input)
The pcs3_n signal provides an indication that a memory access is under way for the fourth region
of the peripheral memory block (I/O or memory address space). The base address of the
Peripheral memory block is programmable. The pcs3_n is held high during both bus hold and
reset. This output is asserted with the ad address bus over a 256-byte range.
The rts1-n is the Ready-to-Send signal for asynchronous serial port 1 when the RTS1 bit (Bit [5])
in the auxiliary control register (AUXCON) is 1 and hardware flow control is enabled for this
port (FC bit [Bit (9)] in the serial port 1 control register [SP1CT]). This signal is asserted when
the serial port transmit register contains untransmitted data.
The rtr1-n is the Ready-to-Receive signal for asynchronous serial port 1 when the rts1 bit
(Bit [5]) in the auxiliary control register (AUXCON) is 0 and hardware flow control is enabled
for this port (FC bit [Bit (9)] in the serial port 1 control register [SP1CT]). This signal is asserted
when the serial port receive register does not contain valid, unread data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com