Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8044AH-R0117 Datasheet(PDF) 26 Page - InnovASIC, Inc

Part # TP8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TP8044AH-R0117 Datasheet(HTML) 26 Page - InnovASIC, Inc

Back Button TP8044AH-R0117 Datasheet HTML 22Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 23Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 24Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 25Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 26Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 27Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 28Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 29Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 30Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 26 of 65
1-888-824-4184
®
Table 14. Port 3 Register
7
6
5
4
3
2
1
0
RD
WR
T1
T0
INT1
INT0
TxD
RxD
Bit [7]—RD → (P3.7) External Data Memory read strobe, active LOW
Bit [6]—WR → (P3.6) External Data Memory write strobe, active LOW
Bit [5]—T1 → (P3.5) Timer/Counter 1 external input
Bit [4]—T0 → (P3.4) Timer/Counter 0 external input
Bit [3]—INT1 → (P3.3) External Interrupt 1
Bit [2]—INT0 → (P3.2) External Interrupt 0
Bit [1]—TxD → (P3.1) Serial output pin
Bit [0]—RxD → (P3.0) Serial input pin
4.7
Timers/Counters
4.7.1
Timers 0 and 1
The IA8X44 has two 16-bit timer/counter registers, Timer 0 and Timer 1. Both can be configured
for counter or timer operations. In timer mode, the register is incremented every machine cycle,
which means that it counts up after every 12 oscillator periods. In counter mode, the register is
incremented when the falling edge is observed at the corresponding input pin T0 or T1. Because it
takes two machine cycles to recognize a 1-to-0 event, the maximum input count rate is 1/24 of the
oscillator frequency. There are no restrictions on the duty cycle, however to ensure proper
recognition of 0 or 1 state, an input should be stable for at least one machine cycle (12 clock
periods).
Four operating modes can be selected for Timer 0 and Timer 1. Two SFRs (TMOD and TCON)
are used to select the appropriate mode.
4.7.2
Mode 0
In Mode 0 the timers operate as an 8-bit timer (TH0/1) with a divide by 32-bit prescalar (TL0/1).
Mode 0 uses all eight bits of TH0/1 and the lower five bits of TL0/1. The upper three bits of
TL0/1 are unknowns. Setting TR0/1 does not reset the registers TH0/1 and TL0/1. As the timer
rolls over from all 1s to all 0s it will set the interrupt flag TF0/1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com