Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BAS21
Description  For high-speed switching applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS21 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BAS21 Datasheet HTML 1Page - Infineon Technologies AG BAS21 Datasheet HTML 2Page - Infineon Technologies AG BAS21 Datasheet HTML 3Page - Infineon Technologies AG BAS21 Datasheet HTML 4Page - Infineon Technologies AG BAS21 Datasheet HTML 5Page - Infineon Technologies AG BAS21 Datasheet HTML 6Page - Infineon Technologies AG BAS21 Datasheet HTML 7Page - Infineon Technologies AG BAS21 Datasheet HTML 8Page - Infineon Technologies AG BAS21 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2007-04-19
6
BAS21...
Package SC74
Package Outline
Foot Print
Standard Packing
0.5
0.95
54
6
3
2
1
1.1 MAX.
(0.35)
(2.25)
±0.2
2.9
B
0.2
+0.1
-0.05
0.35
Pin 1
marking
M
B 6x
0.95
1.9
0.15 -0.06
+0.1
A
A
0.2 M
0.1 MAX.
4
3.15
Pin 1
marking
0.2
1.15
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
For symmetric types no defined Pin 1 orientation in reel.
Manufacturer
2005, June
Date code (Year/Month)
BCW66H
Type code
Pin 1 marking
Laser marking
Marking Layout (Example)
Small variations in positioning of
Date code, Type code and Manufacture are possible.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com