Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDP948 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BDP948
Description  PNP Silicon AF Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP948 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BDP948 Datasheet HTML 1Page - Infineon Technologies AG BDP948 Datasheet HTML 2Page - Infineon Technologies AG BDP948 Datasheet HTML 3Page - Infineon Technologies AG BDP948 Datasheet HTML 4Page - Infineon Technologies AG BDP948 Datasheet HTML 5Page - Infineon Technologies AG BDP948 Datasheet HTML 6Page - Infineon Technologies AG BDP948 Datasheet HTML 7Page - Infineon Technologies AG BDP948 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2011-10-05
7
BDP948_BDP950_BDP954
Package SOT223
Package Outline
Foot Print
Marking Layout (Example)
Packing
Reel ø180 mm = 1.000 Pieces/Reel
Reel ø330 mm = 4.000 Pieces/Reel
2005, 24 CW
Date code (YYWW)
BCP52-16
Type code
Pin 1
12
3
3
4
±0.1
±0.04
0.28
0.1 MAX.
6.5 ±0.2
A
4.6
2.3
0.7 ±0.1
0.25 M A
1.6±0.1
B
0.25 M
B
3.5
1.1
1.2
8
0.3 MAX.
6.8
1.75
Pin 1
Manufacturer
0...10˚



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com