Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDP950 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BDP950
Description  PNP Silicon AF Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BDP950 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BDP950 Datasheet HTML 1Page - Infineon Technologies AG BDP950 Datasheet HTML 2Page - Infineon Technologies AG BDP950 Datasheet HTML 3Page - Infineon Technologies AG BDP950 Datasheet HTML 4Page - Infineon Technologies AG BDP950 Datasheet HTML 5Page - Infineon Technologies AG BDP950 Datasheet HTML 6Page - Infineon Technologies AG BDP950 Datasheet HTML 7Page - Infineon Technologies AG BDP950 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2011-10-05
2
BDP948_BDP950_BDP954
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BDP948
BDP950
BDP954
VCEO
45
60
100
V
Collector-base voltage
BDP948
BDP950
BDP954
VCBO
45
60
120
Emitter-base voltage
VEBO
5
Collector current
IC
3
A
Peak collector current, tp ≤ 10 ms
ICM
5
Base current
IB
200
mA
Peak base current
IBM
500
Total power dissipation-
TS ≤ 100 °C
Ptot
5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 10
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com