Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050X6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F050X6
Description  Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050X6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F050X6 Datasheet HTML 6Page - STMicroelectronics STM32F050X6 Datasheet HTML 7Page - STMicroelectronics STM32F050X6 Datasheet HTML 8Page - STMicroelectronics STM32F050X6 Datasheet HTML 9Page - STMicroelectronics STM32F050X6 Datasheet HTML 10Page - STMicroelectronics STM32F050X6 Datasheet HTML 11Page - STMicroelectronics STM32F050X6 Datasheet HTML 12Page - STMicroelectronics STM32F050X6 Datasheet HTML 13Page - STMicroelectronics STM32F050X6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
Description
STM32F050xx
10/97
Doc ID 023683 Rev 1
Table 2.
STM32F050xx family device features and peripheral counts
Peripheral
STM32F050Fx
STM32F050Gx
STM32F050Kx
STM32F050Cx
Flash (Kbytes)
16
32
16
32
16
32
16
32
SRAM (Kbytes)
4
4
4
4
Timers
Advanced
control
1 (16-bit)
General
purpose
4 (16-bit)
1 (32-bit)
Comm.
interfaces
SPI (I2S)(1)
1
I2C1
USART
1
12-bit synchronized
ADC
(number of channels)
1
(9 ext. + 3 int.)
1
(10 ext. + 3 int.)
GPIOs
15
232739
Max. CPU frequency
48 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: -40 °C to 85 °C / -40 °C to 105 °C
Junction temperature: -40°C to 105°C / -40 °C to 125 °C
Packages
TSSOP20
UFQFPN28
UFQFPN32
LQFP48
1.
The SPI interface can be used either in SPI mode or in I2S audio mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com