Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6618D Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV6618D
Description  Video Switch Matrix for DVDs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6618D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV6618D Datasheet HTML 13Page - STMicroelectronics STV6618D Datasheet HTML 14Page - STMicroelectronics STV6618D Datasheet HTML 15Page - STMicroelectronics STV6618D Datasheet HTML 16Page - STMicroelectronics STV6618D Datasheet HTML 17Page - STMicroelectronics STV6618D Datasheet HTML 18Page - STMicroelectronics STV6618D Datasheet HTML 19Page - STMicroelectronics STV6618D Datasheet HTML 20Page - STMicroelectronics STV6618D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
17/24
STV6618
INPUT/OUTPUT GROUPS
Figure 11: Bottom Clamped Video Inputs
(Pins 1, 4, 7, 19 and 41)
Figure 12: DIGOUT 1, 2 and 3 (Pins 42, 44 and 2)
Figure 13: DIGOUT 4, 5 and 6 (Pins 14, 16 and 18)
15 k
Ω
VCC 5V
tri
VCC 5V
Protected Pad
5k
Ω
2V + VBE
Float_Bus
VDD 5V
Float_DigOUT
VDD 5V
Figure 14: Average Clamped Video Inputs
(Pins 6, 40 and 43)
Figure 15: DECV (Pin 5)
Figure 16: I²C Bus SDA I/O (Pin 38)
25 k
Ω
VCC 5V
VCC 5V
Protected Pad
5k
Ω
25 k
Ω
tri
Protected Pad
VCC 5V
Protected Pad
10 k
Ω
40 k
Ω
VCC 5V
VCC 5V
VDD_FLOAT
Acknowledge
10 k
Ω
VDD5V
Protected Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com