Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX826 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STX826
Description  Low voltage PNP transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX826 Datasheet(HTML) 3 Page - STMicroelectronics

  STX826 Datasheet HTML 1Page - STMicroelectronics STX826 Datasheet HTML 2Page - STMicroelectronics STX826 Datasheet HTML 3Page - STMicroelectronics STX826 Datasheet HTML 4Page - STMicroelectronics STX826 Datasheet HTML 5Page - STMicroelectronics STX826 Datasheet HTML 6Page - STMicroelectronics STX826 Datasheet HTML 7Page - STMicroelectronics STX826 Datasheet HTML 8Page - STMicroelectronics STX826 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STX826
Electrical characteristics
Doc ID 11747 Rev 3
3/9
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = -60 V
-10
µA
ICEO
Collector cut-off current
(IB = 0)
VCE= -30 V
-100
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB= -5 V
-10
µA
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = -100 µA
-60
V
V(BR)CEO
(1)
Collector-emitter
breakdown voltage (IB = 0)
IC = -10 mA
-30
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = -100 µA
-5
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -1 A
IB = -50 mA
IC = -2 A
IB = -100 mA
IC = -3 A
IB = -150 mA
-0.4
-0.7
-1.1
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -2 A
IB = -100 mA
-1.2
V
hFE
DC current gain
IC = -100 mA VCE = -2 V
IC = -1 A
VCE = -2 V
IC = -3 A
VCE = -2 V
100
80
30
300
fT
Transition frequency
VCE = -10 V
IC = -0.1 A
100
MHz
1.
Pulse duration = 300 µs, duty cycle
≤ 1.5 %
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com