Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27L2C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS27L2C
Description  PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27L2C Datasheet(HTML) 1 Page - STMicroelectronics

  TS27L2C Datasheet HTML 1Page - STMicroelectronics TS27L2C Datasheet HTML 2Page - STMicroelectronics TS27L2C Datasheet HTML 3Page - STMicroelectronics TS27L2C Datasheet HTML 4Page - STMicroelectronics TS27L2C Datasheet HTML 5Page - STMicroelectronics TS27L2C Datasheet HTML 6Page - STMicroelectronics TS27L2C Datasheet HTML 7Page - STMicroelectronics TS27L2C Datasheet HTML 8Page - STMicroelectronics TS27L2C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s VERY LOW POWER CONSUMPTION :
10µA/op
s OUTPUT VOLTAGE CAN SWING TO
GROUND
s EXCELLENT PHASE MARGIN ON
CAPACITIVE LOADS
s STABLE AND LOW OFFSET VOLTAGE
s THREE INPUT OFFSET VOLTAGE
SELECTIONS
DESCRIPTION
These devices are low cost, low power dual oper-
ational amplifiers designed to operate with single
or dual supplies. These operational amplifiers use
the ST silicon gate CMOS process allowing an ex-
cellent consumption-speed ratio. These series are
ideally suited for low consumption applications.
Three power consumptions are available allowing
to have always the best consumption-speed ratio:
u I
CC = 10µA/amp.: TS27L2 (very low power)
u I
CC = 150µA/amp.: TS27M2 (low power)
u I
CC = 1mA/amp.: TS272 (standard)
These CMOS amplifiers offer very high input im-
pedance and extremely low input currents. The
major advantage versus JFET devices is the very
low input currents drift with temperature (see fig-
ure 2).
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
P
TS27L2C/AC/BC
0°C, +70°C
•••
TS27L2I/AI/BI
-40°C, +125°C
•••
TS27L2M/AM/BM
-55°C, +125°C
•••
Example : TS27L2ACN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1
2
3
45
6
7
8
CC
+
-
-
+
-
+
CC
1 - Output 1
2 - Inverting Input 1
3 - Non-inverting Input 1
4 - V
5 - Non-inverting Input 2
6 - Inverting Input 2
7 - Output 2
8 - V
TS27L2C,I,M
PRECISION VERY LOW POWER
CMOS DUAL OPERATIONAL AMPLIFIERS
November 2001


Similar Part No. - TS27L2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results

Similar Description - TS27L2C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
2001-Nov
TS27M4C STMICROELECTRONICS-TS27M4C Datasheet
124Kb / 9P
PRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS
2001-Nov
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
March 4, 2010
logo
STMicroelectronics
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
Low-power CMOS dual operational amplifiers
18-Aug-2009
TS27L4CDT STMICROELECTRONICS-TS27L4CDT Datasheet
217Kb / 15P
Very low power precision CMOS quad operational amplifiers
02-Mar-2009
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
VERY LOW-POWER OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com