Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2012D
Description  POWER-DISTRIBUTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2012D Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2012D Datasheet HTML 9Page - Texas Instruments TPS2012D Datasheet HTML 10Page - Texas Instruments TPS2012D Datasheet HTML 11Page - Texas Instruments TPS2012D Datasheet HTML 12Page - Texas Instruments TPS2012D Datasheet HTML 13Page - Texas Instruments TPS2012D Datasheet HTML 14Page - Texas Instruments TPS2012D Datasheet HTML 15Page - Texas Instruments TPS2012D Datasheet HTML 16Page - Texas Instruments TPS2012D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 23
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
90
70
170
50
130
110
150
190
– 50
– 25
0
25
50
75
100
125
VI = 3 V
VI = 2.7 V
VI = 4.5 V
VI = 5.5 V
Figure 24
ON-STATE RESISTANCE
vs
INPUT VOLTAGE
VI – Input Voltage – V
100
90
70
60
2.5
3
3.5
4
4.5
5
110
130
140
5.5
80
120
TJ = 25°C
Figure 25
INPUT VOLTAGE TO OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI – Input Voltage – V
0.1
0.05
0
2.5
3
3.5
4
4.5
5
0.15
0.2
0.25
5.5
IO = 200 mA
IO = 1.5 A
IO = 1 A
IO = 600 mA
Figure 26
SHORT-CIRCUIT CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
1
0.5
0
2.5
3
3.5
4
4.5
5
5.5
1.5
2
2.5
TPS2010
TPS2013
TPS2012
TPS2011
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com