Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC970 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P89LPC970
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC970 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P89LPC970 Datasheet HTML 37Page - NXP Semiconductors P89LPC970 Datasheet HTML 38Page - NXP Semiconductors P89LPC970 Datasheet HTML 39Page - NXP Semiconductors P89LPC970 Datasheet HTML 40Page - NXP Semiconductors P89LPC970 Datasheet HTML 41Page - NXP Semiconductors P89LPC970 Datasheet HTML 42Page - NXP Semiconductors P89LPC970 Datasheet HTML 43Page - NXP Semiconductors P89LPC970 Datasheet HTML 44Page - NXP Semiconductors P89LPC970 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
P89LPC97X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2010
41 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
7.28 Additional features
7.28.1 Software reset
The SRST bit in AUXR1 gives software the opportunity to reset the processor completely,
as if an external reset or watchdog reset had occurred. Care should be taken when writing
to AUXR1 to avoid accidental software resets.
7.28.2 Dual data pointers
The dual Data Pointers (DPTR) provides two different Data Pointers to specify the
address used with certain instructions. The DPS bit in the AUXR1 register selects one of
the two Data Pointers. Bit 2 of AUXR1 is permanently wired as a logic 0 so that the DPS
bit may be toggled (thereby switching Data Pointers) simply by incrementing the AUXR1
register, without the possibility of inadvertently altering other bits in the register.
7.29 Flash program memory
7.29.1 General description
The P89LPC970/971/972 flash memory provides in-circuit electrical erasure and
programming. The flash can be erased, read, and written as bytes. The Sector and Page
Erase functions can erase any flash sector (1 kB) or page (64 bytes). The Chip Erase
operation will erase the entire program memory. ICP using standard commercial
programmers is available. In addition, IAP and byte-erase allows code memory to be used
for non-volatile data storage. On-chip erase and write timing generation contribute to a
user-friendly programming interface. The P89LPC970/971/972 flash reliably stores
memory contents even after 100000 erase and program cycles. The cell is designed to
(1) Watchdog reset can also be caused by an invalid feed sequence, or by writing to WDCON not immediately followed by a feed
sequence.
Fig 15. Watchdog timer in Watchdog mode (WDTE = 1)
PRE2
PRE1
PRE0
-
-
WDRUN
WDTOF
WDCLK
WDCON (A7H)
SHADOW REGISTER
PRESCALER
002aae542
8-BIT DOWN
COUNTER
WDL (C1H)
watchdog
oscillator
400 kHz
oscillator
25 kHz
oscillator
crystal
oscillator
PCLK
XTALWD
(CLKCON.4)
WDMOD
(CLKCON.5)
÷32
0
1
0
1
MOV WFEED1, #0A5H
MOV WFEED2, #05AH
reset(1)
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com