Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ACPI-EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8099ACPI-EBZ
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ACPI-EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8099ACPI-EBZ Datasheet HTML 11Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 12Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 13Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 14Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 15Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 16Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 17Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 18Page - Analog Devices AD8099ACPI-EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD8099
Data Sheet
Rev. D | Page 14 of 28
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
–200
400
200
100
300
0
–100
VS =5V
VS = ±5V
Figure 53. Input Offset Voltage vs. Temperature
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
–6.6
–5.4
–5.8
–6.0
–5.6
–6.2
–6.4
IB+, VS = ±5V
IB+, VS =5V
IB–, VS = ±5V
IB–, VS =5V
Figure 54. Input Bias Current vs. Temperature (DISABLE Pin Floating)
TEMPERATURE (C)
125
–40
–25
–10
–520355065
8095
110
1.12
1.24
1.20
1.18
1.22
1.16
1.14
+VS –VOUT
VS =5V
VS = ±5V
+VS –VOUT
–VS +VOUT
–VS +VOUT
Figure 55. Output Saturation Voltage vs. Temperature
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
8
20
16
14
18
12
10
VS =5V
VS = ±5V
Figure 56. Supply Current vs. Temperature
TEMPERATURE (C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
–1.0
1.0
–0.2
–0.4
0
0.2
0.4
0.6
0.8
–0.6
–0.8
IB+, VS =5V
IB+, VS = ±5V
IB–, VS =5V
IB–, VS = ±5V
Figure 57. Input Bias Current vs. Temperature (DISABLE Pin = +VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com