Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC971FDH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC971FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC971FDH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC971FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC971FDH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Bit address
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt
priority 1
F8H
-
PST
-
PXTIM
PSPI
PC
PKBI
PI2C
00[2]
00x0 0000
IP1H
Interrupt
priority 1 high
F7H
-
PSTH
-
PXTIMH
PSPIH
PCH
PKBIH
PI2CH
00[2]
00x0 0000
KBCON
Keypad control
register
94H
---
---
PATN
_SEL
KBIF
00[2]
xxxx xx00
KBMASK Keypad interrupt
mask register
86H
00
0000 000
0
KBPATN
Keypad pattern
register
93H
FF
1111 1111
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80H
T1/KB7
CMP1/
KB6
CMPREF
/
KB5/T3
CIN1A/
KB4
CIN1B/
KB3/T2
CIN2A/
KB2
CIN2B/
KB1
CMP2/
KB0
[2]
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90H
T3EX
-
RST
INT1/
T4EX
INT0/
SDA/T4
T0/SCL
RXD/
T2EX
TXD
[2]
Bit address
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
-
-
-
-
-
-
XTAL1
XTAL2
[2]
P0M1
Port 0 output
mode 1
84H
(P0M1.7)
(P0M1.6)
(P0M1.5)
(P0M1.4)
(P0M1.3)
(P0M1.2)
(P0M1.1)
(P0M1.0) FF[2]
1111 1111
P0M2
Port 0 output
mode 2
85H
(P0M2.7)
(P0M2.6)
(P0M2.5)
(P0M2.4)
(P0M2.3)
(P0M2.2)
(P0M2.1)
(P0M2.0) 00[2]
0000 000
0
P1M1
Port 1 output
mode 1
91H
(P1M1.7)
(P1M1.6)
-
(P1M1.4)
(P1M1.3)
(P1M1.2)
(P1M1.1)
(P1M1.0) D3[2]
11x1 xx11
P1M2
Port 1 output
mode 2
92H
(P1M2.7)
(P1M2.6)
-
(P1M2.4)
(P1M2.3)
(P1M2.2)
(P1M2.1)
(P1M2.0) 00[2]
00x0 xx00
P3M1
Port 3 output
mode 1
B1H
-
-
-
-
-
-
(P3M1.1)
(P3M1.0) 03[2]
xxxx xx11
P3M2
Port 3 output
mode 2
B2H
-
-
-
-
-
-
(P3M2.1)
(P3M2.0) 00[2]
xxxx xx00
Table 4.
Special function registers …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com