Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1B-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ES1B-TP
Description  1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ES1B-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  ES1B-TP Datasheet HTML 1Page - Micro Commercial Components ES1B-TP Datasheet HTML 2Page - Micro Commercial Components ES1B-TP Datasheet HTML 3Page - Micro Commercial Components ES1B-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ES1A thru ES1M
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
150
25
50
75
100
0
.2
.4
.6
.8
1.0
1.2
1.4
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
1.6
1.8
2.0
2.2
2.4
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
Junction Capacitance - pFversus
Reverse Voltage - Volts
pF
Volts
60
40
4
400
1000
TJ=25
°C;f=1MHZ
MCC
Revision: C
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Figure 1
Typical Forward Characteristics
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0
ES1A~ES1D
ES1G~ES1J
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
ES1K~ES1M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com