Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LQ47-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 440LQ47-R
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LQ47-R Datasheet(HTML) 1 Page - Vishay Siliconix

  440LQ47-R Datasheet HTML 1Page - Vishay Siliconix 440LQ47-R Datasheet HTML 2Page - Vishay Siliconix 440LQ47-R Datasheet HTML 3Page - Vishay Siliconix 440LQ47-R Datasheet HTML 4Page - Vishay Siliconix 440LQ47-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 25-Jun-13
1
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC Line Rated Ceramic Disc Capacitors
Class X1, 760 VAC/Class Y1, 500 VAC
INSULATION RESISTANCE
Min. 1000
F
TOLERANCE ON CAPACITANCE
± 10 %; ± 20 %
DISSIPATION FACTOR
2.0 % max. at 1 kHz; 1 V
CERAMIC DIELECTRIC
C0G, U2J, P3K, R3L (class 1)
X7R, Y5U (class 2)
OPERATING TEMPERATURE RANGE
- 30 °C to + 125 °C
CLIMATIC CATEGORY ACC. TO EN 60068-1
25/125/21
FEATURES
• Complying with IEC 60384-14 3rd edition
• High reliability
• Radial leads
• Singlelayer AC Disc capacitors
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• X1, Y1 according to IEC 60384-14.3
• Across-the-line
• Line by-pass
• Antenna coupling
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.032" (0.81 mm). The
capacitors may be supplied with radial kinked or straight
leads having a lead spacing of 0.375" (9.5 mm). The
standard tolerances are ± 10 % or ± 20 %. Coating is made
of flame retardant epoxy resin in accordance with
“UL 94 V-0”.
CAPACITANCE RANGE
10 pF to 0.01 μF
RATED VOLTAGE
IEC 60384-14.3:
• X1:
760 VAC, 50 Hz
• Y1:
500 VAC, 50 Hz
DIELECTRIC STRENGTH BETWEEN LEADS
Component test:
4000 VAC, 50 Hz, 2 s
As repeated test admissible only once with:
3600 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
4000 VAC, 50 Hz, 60 s
DIELECTRIC STRENGTH OF BODY
INSULATION
4000 VAC, 50 Hz, 60 s (destructive test)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
C0G,
U2J,
P3K,
R3L
C0G,
U2J,
P3K,
R3L
X7R,
Y5U
X7R,
Y5U
Voltage (VAC)
500
760
500
760
Min. Capacitance (pF)
10
68
Max. Capacitance (pF)
47
10 000
Mounting
Radial


Similar Part No. - 440LQ47-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
440LQ47-R VISHAY-440LQ47-R Datasheet
207Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
29-Oct-2021
More results

Similar Description - 440LQ47-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
25-Jun-13
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
12-Apr-10
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
19-Apr-2021
VKP VISHAY-VKP Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
WKP332MCPEJ0KR VISHAY-WKP332MCPEJ0KR Datasheet
144Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com