Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC808 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # KBPC808
Description  Single Phase Rectifier Bridge, 8 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC808 Datasheet(HTML) 1 Page - Vishay Siliconix

  KBPC808 Datasheet HTML 1Page - Vishay Siliconix KBPC808 Datasheet HTML 2Page - Vishay Siliconix KBPC808 Datasheet HTML 3Page - Vishay Siliconix KBPC808 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 93586
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
1
Single Phase Rectifier Bridge, 8 A
KBPC8 Series
Vishay High Power Products
FEATURES
• Suitable for printed circuit board or chasis
mounting
• Compact construction
• High surge current capability
• Fully characterised data
• Wide temperature range
• RoHS compliant
DESCRIPTION
The KBPC series of single phase rectifier bridge consists of
four silicon junctions connected as a full bridge. These
device are intended for general use in industrial and
consumer equipment.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO(av)
8.0 A
VRRM
50 to 1000 V
D-72
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IO
TC = 50 °C, resistive load
8
A
TC = 50 °C, capacitive load
6.4
IFSM
50 Hz
125
A
60 Hz
137
I2t
50 Hz
110
A2s
60 Hz
100
VRRM
Range
50 to 1000
V
TJ
- 55 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
KBPC8005
50
80
KBPC801
100
150
KBPC802
200
300
KBPC804
400
500
KBPC806
600
700
KBPC808
800
900
KBPC810
1000
1100


Similar Part No. - KBPC808

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC808 WTE-KBPC808 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC808 JGD-KBPC808 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC808 SEMTECH-KBPC808 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC808 SSE-KBPC808 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC808 CHENYI-KBPC808 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC808

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5312 NTE-NTE5312 Datasheet
16Kb / 2P
Single Phase Bridge Rectifier 8 Amp
logo
List of Unclassifed Man...
TU800 ETC2-TU800 Datasheet
140Kb / 4P
8 AMP Single-Phase Bridge Rectifier
logo
Vishay Siliconix
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
KBPC8 VISHAY-KBPC8_12 Datasheet
110Kb / 4P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
logo
NTE Electronics
NTE5313 NTE-NTE5313 Datasheet
20Kb / 2P
Single Phase Bridge Rectifier 8 Amp
logo
Vishay Siliconix
KBPC802PBF VISHAY-KBPC802PBF Datasheet
109Kb / 4P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
KBPC808PBF VISHAY-KBPC808PBF Datasheet
109Kb / 4P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
VS-KBPC8 VISHAY-VS-KBPC8 Datasheet
118Kb / 4P
Single Phase Rectifier Bridge, 8 A
04-Apr-14
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com