Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1PD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AS1PD
Description  Standard Avalanche Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS1PD Datasheet(HTML) 2 Page - Vishay Siliconix

  AS1PD Datasheet HTML 1Page - Vishay Siliconix AS1PD Datasheet HTML 2Page - Vishay Siliconix AS1PD Datasheet HTML 3Page - Vishay Siliconix AS1PD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS1PD, AS1PG, AS1PJ, AS1PK, AS1PM
www.vishay.com
Vishay General Semiconductor
Revision: 14-Aug-13
2
Document Number: 89290
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Unit mounted on PCB with 5 mm x 5 mm copper pad areas. Thermal resistance RJA - junction to ambient, RJM - junction to mount at the
terminal of cathode band
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Max. Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1.0 A
TA = 25 °C
VF (1)
0.95
-
V
TA = 125 °C
0.84
-
IF = 1.5 A
TA = 25 °C
0.99
1.15
TA = 125 °C
0.89
1.0
Reverse current
Rated VR
TA = 25 °C
IR (2)
0.3
5
μA
TA = 125 °C
35
100
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
1.5
-
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
10.4
-
pF
THERMAL CHARACTERISTICS (TA = 25 °c unless otherwise noted)
PARAMETER
SYMBOL
AS1PD
AS1PG
AS1PJ
AS1PK
AS1PM
UNIT
Typical thermal resistance
RJA (1)
115
°C/W
RJM (1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
AS1PJ-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
AS1PJ-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
AS1PJHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
AS1PJHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
0
1.6
95
105
115
125
135
145
155
175
TM - Mount Temperature (°C)
0.8
1.0
0.2
0.4
0.6
165
Resistive or Inductive Load
1.4
1.2
T
M Measured
at the Cathode Band Terminal
1.8
1.0
0.8
0.6
0.4
0.2
0
1.8
1.0
0.8
0.6
0.4
0.2
0
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T
1.6
1.4
1.2
1.6
1.4
1.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com