Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7YA474KB40 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T7YA474KB40
Description  7 mm Diameter Miniature Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T7YA474KB40 Datasheet(HTML) 1 Page - Vishay Siliconix

  T7YA474KB40 Datasheet HTML 1Page - Vishay Siliconix T7YA474KB40 Datasheet HTML 2Page - Vishay Siliconix T7YA474KB40 Datasheet HTML 3Page - Vishay Siliconix T7YA474KB40 Datasheet HTML 4Page - Vishay Siliconix T7YA474KB40 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T7
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
1
Document Number: 51015
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7 mm Diameter Miniature Cermet Trimmer
A dust sealed plastic case protecting a quality cermet track
guarantees
high
performance
and
proven
reliability.
Adjustments are made easier by the clear scale readings.
T7 is ideally suited to all industrial applications.
FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Tests according to CECC 41100 or IEC 60393-1
• Low temperature coefficient (100 ppm/K typical)
• Wide resistance range (10
 to 2.2 M)
• Easy to read scale
• 7 mm (0.275") diameter
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.5 mm)
T7 YA
T7 YB
7 ± 0.5
a
b
c
4.5 min.
5.85 ± 0.5
Ø 4.1 ± 0.5
2.54 ± 0.5
2.54 ± 0.5
0.3 ± 0.5
0.55 ± 0.5
2.54 ± 0.5
a
c
b
0.6
2.54
90°
2.54
0.3
0.5
4.5 min.
6
Ø 4
Ø 7


Similar Part No. - T7YA474KB40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
7 mm Diameter Miniature Single-Turn Cermet Trimmer
18-Jul-2022
More results

Similar Description - T7YA474KB40

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
306 CTS-306 Datasheet
228Kb / 2P
Commercial miniature 6 mm square cermet trimmer potentiometer
307 CTS-307 Datasheet
241Kb / 2P
Commercial miniature 6 mm cermet trimmer potentiometer
303 CTS-303 Datasheet
163Kb / 2P
Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Vishay Siliconix
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
7 mm Diameter Miniature Single-Turn Cermet Trimmer
18-Jul-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com