Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Partnumber Datasheet(PDF) 1 Page - Tyco Electronics

Part # Partnumber
Description  HF3 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

Partnumber Datasheet(HTML) 1 Page - Tyco Electronics

  Partnumber Datasheet HTML 1Page - Tyco Electronics Partnumber Datasheet HTML 2Page - Tyco Electronics Partnumber Datasheet HTML 3Page - Tyco Electronics Partnumber Datasheet HTML 4Page - Tyco Electronics Partnumber Datasheet HTML 5Page - Tyco Electronics Partnumber Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
RF Signal Relays
n
Y-Design
n
Frequency range DC to 3GHz
n
Impedance 50Ω or 75Ω
n
Small dimensions (14.6x7.2x10mm)
n
1 form C contact (1 changeover contact)
n
Immersion cleanable
n
Low power consumption (≤140mW)
Typical applications
Cable modems and linecards/ CATV, Tabs, measurement and test
equipment ATE, satellite / audio / video tuners, wireless base stations and
antennas, switching boards
Contact Data
Contact arrangement
1 form C, 1 CO
Max. switching voltage
220VDC, 250VAC
Rated current
2A
Limiting continuous current, 23°C
2A
Switching power
60W, 62.5VA,
50W (2.5GHz)
Max. continuos RF-power, 23°C
50W (2.5GHz)
Contact material
Ag, Au covered
Minimum switching voltage
100µV
Initial contact resistance
<100mΩ at 10mA, 20mV
Operate time
typ. 3ms, max. 5ms
Release time
without diode in parallel
typ. 2ms, max. 5ms
with diode in parallel
typ. 4ms, max. 6ms
Bounce time
typ. 1ms, max. 3ms
Duration of set/reset pulse min.
20ms
Mechanical endurance
107 operations
Coil Data
Coil voltage range
3 to 24VDC
Coil versions, monostable
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
50Ω version, monostable, 1 coil
51
3
2.25
6.50
0.30
64
140
52
4.5
3.38
9.80
0.45
145
140
53
5
3.75
10.90
0.50
178
140
54
6
4.50
13.00
0.60
257
140
55
9
6.75
19.60
0.90
574
140
56
12
9.00
26.10
1.20
1028
140
57
24
18.00
52.30
2.40
4114
140
75Ω version, monostable, 1 coil
01
3
2.25
6.50
0.30
64
140
02
4.5
3.38
9.80
0.45
145
140
03
5
3.75
10.90
0.50
178
140
04
6
4.50
13.00
0.60
257
140
05
9
6.75
19.60
0.90
574
140
06
12
9.00
26.10
1.20
1028
140
07
24
18.00
52.30
2.40
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil Data (continued)
Coil versions, bistable
Coil
Rated
Set
Limiting
Reset
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
50Ω version, bistable, 1 coil
71
3
2.25
9.20
-2.25
128
70
72
4.5
3.38
13.85
-3.38
289
70
73
5
3.75
15.30
-3.75
357
70
74
6
4.50
18.50
-4.50
514
70
75
9
6.75
27.70
-6.75
1157
70
76
12
9.00
37.00
-9.00
2057
70
77
24
18.00
74.00
-18.00
8228
70
50Ω version, bistable, 2 coils
91
3
2.25
6.50
2.25
64
140
92
4.5
3.38
9.80
3.38
145
140
93
5
3.75
10.90
3.75
178
140
94
6
4.50
13.00
4.50
257
140
95
9
6.75
19.60
6.75
574
140
96
12
9.00
26.10
9.00
1028
140
97
24
18.00
52.30
18.00
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil Data (continued)
Coil versions, bistable
Coil
Rated
Set
Limiting
Reset
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
75Ω version, bistable, 1 coil
21
3
2.25
9.20
-2.25
128
70
22
4.5
3.38
13.85
-3.38
289
70
23
5
3.75
15.30
-3.75
357
70
24
6
4.50
18.50
-4.50
514
70
25
9
6.75
27.70
-6.75
1157
70
26
12
9.00
37.00
-9.00
2057
70
27
24
18.00
74.00
-18.00
8228
70
75Ω version, bistable, 2 coils
41
3
2.25
6.50
2.25
64
140
42
4.5
3.38
9.80
3.38
145
140
43
5
3.75
10.90
3.75
178
140
44
6
4.50
13.00
4.50
257
140
45
9
6.75
19.60
6.75
574
140
46
12
9.00
26.10
9.00
1028
140
47
24
18.00
52.30
18.00
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
HF3 Relay


Similar Part No. - Partnumber

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
PartNumber OHMITE-PartNumber Datasheet
273Kb / 1P
Nichrome resistive element
logo
HALO Electronics, Inc.
PARTNUMBER HALO-PARTNUMBER Datasheet
505Kb / 2P
8P/8C Tab-Down Shielded RJ45 Ethernet Connectors
PARTNUMBER HALO-PARTNUMBER Datasheet
1Mb / 4P
13W, 3.3Vout, Power Transformers Power Over Ethernet
logo
Texas Instruments
PARTNUMBER00 TI1-PARTNUMBER00 Datasheet
504Kb / 31P
3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PARTNUMBER01 TI1-PARTNUMBER01 Datasheet
504Kb / 31P
3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - Partnumber

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
Relay
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
RELAY
logo
fujitsu semiconductor
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Tyco Electronics
2-1462051-4 MACOM-2-1462051-4 Datasheet
31Kb / 1P
HF3-Relay metal cover 50??Dimensions
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
relay
logo
Ningbo songle relay co....
SRD SONGLERELAY-SRD Datasheet
97Kb / 2P
RELAY
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
Relay
RET GOODSKY-RET Datasheet
1Mb / 6P
Relay
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
Monitoring Relay Interface protection Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com