Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTS3T024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RTS3T024
Description  Power PCB Relay RT1 Inrush Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3T024 Datasheet(HTML) 2 Page - Tyco Electronics

  RTS3T024 Datasheet HTML 1Page - Tyco Electronics RTS3T024 Datasheet HTML 2Page - Tyco Electronics RTS3T024 Datasheet HTML 3Page - Tyco Electronics RTS3T024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 Inrush Power (Continued)
Other Data
RT.3T
RTS3L
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
monostable DC coil
-40 to 85°C
bistable 1 coil
-10 to 85°C
bistable 2 coils
-40 to 85°C
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional),
monostable version
10g
20g
Shock resistance (destructive)
100g
Terminal type
PCB-THT, plug-in2)
Weight, without / with test tab
14/16g
14g/-
Resistance to soldering heat THT
IEC 60068-2-20
270°C/10s
Packaging/unit
without test tab
tube/20 pcs.,
tube/20 pcs.,
box/500 pcs.
box/500 pcs.
with test tab
tray/25 pcs.,
-
box/100 pcs.
-
2) RTT3T or bistable 2 coil version: pcb mounting only. See Accessories
Accessories RTS3.
For details see datasheet
Accessories Industrial Power Relay RT
Socket available for 1 coil version only.
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
Coil Data (continued)
Coil versions, bistable
Coil
Rated
Set
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
Coil versions, bistable 1 coil
A03
3
2.1
1.7
21
429
A12
12
8.4
6.6
360
400
A24
24
16.8
13.2
1440
400
Coil versions, bistable 2 coils
F03
3
2.1
1.7
15
600
F12
12
8.4
6.6
240
600
F24
24
16.8
13.2
886
650
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Bistable coils - operation
Version
1 coil
2 coils
Coil terminals
A1
A2
A1 A3 A2
Operate
+
-
+
-
Reset
-
+
-
+
Contact position not defined at delivery
Insulation Data
Initial dielectric strength
between open contacts
1250Vrms
between contact and coil
5000Vrms
Clearance/creepage
between contact and coil
≥10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com