Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTS3T048 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RTS3T048
Description  Power PCB Relay RT1 Inrush Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3T048 Datasheet(HTML) 3 Page - Tyco Electronics

  RTS3T048 Datasheet HTML 1Page - Tyco Electronics RTS3T048 Datasheet HTML 2Page - Tyco Electronics RTS3T048 Datasheet HTML 3Page - Tyco Electronics RTS3T048 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 Inrush Power (Continued)
Terminal assignment
Bottom view on solder pins
S0163DPS
a)
a) Indicated contact position during or after coil
energization with reset voltage.
b) for 2 coil version only
monostable version
bistable version
S0163-BF
Dimensions / PCB layout
16A, pinning 5mm
s0418-CV
S0272-BW
*) With the recommended PCB hole
sizes a grid pattern from 2.5mm to
2.54mm can be used.
version without test tab
version with test tab
S0491-B
S0492-CU
b) for 2 coil version only
S0272-BC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com