Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC7707 Datasheet(PDF) 190 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 190 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 186Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 187Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 188Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 189Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 190Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 191Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 192Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 193Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 194Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 307 page
background image
190
7707F–AVR–11/10
AT90USB82/162
19.5
Power modes
19.5.1
Idle mode
In this mode, the CPU core is halted (CPU clock stopped). The Idle mode is taken wether the
USB controller is running or not. The CPU can wake up on any USB interrupts.
19.5.2
Power down
In this mode, the oscillator is stopped and halts all the clocks (CPU and peripherals). The USB
controller “wakes up” when:
• the WAKEUPI interrupt is triggered (single asynchronous interrupt)
19.5.3
Freeze clock
The firmware has the ability to reduce the power consumption by setting the FRZCLK bit, which
freeze the clock of USB controller. When FRZCLK is set, it is still possible to access to the fol-
lowing registers:
• USBCON,
• DPRAM direct access registers (DPADD7:0, UEDATX)
• UDCON (detach, ...)
•UDINT
•UDIEN
Moreover, when FRZCLK is set, only the asynchronous interrupt may be triggered :
• WAKEUPI
19.6
Memory management
The controller does only support the following memory allocation management.
The reservation of an Endpoint can only be made in the increasing order (Endpoint 0 to the last
Endpoint). The firmware shall thus configure them in the same order.
The reservation of an Endpoint “ki” is done when its ALLOC bit is set. Then, the hardware allo-
cates the memory and insert it between the Endpoints “ki-1” and “ki+1”. The “ki+1” Endpoint
memory “slides” up and its data is lost. Note that the “k
i+2” and upper Endpoint memory does not
slide.
Clearing an Endpoint enable (EPEN) does not clear either its ALLOC bit, or its configuration
(EPSIZE/PSIZE, EPBK/PBK). To free its memory, the firmware should clear ALLOC. Then, the
“k
i+1” Endpoint memory automatically “slides” down. Note that the “ki+2” and upper Endpoint
memory does not slide.
The following figure illustrates the allocation and reorganization of the USB memory in a typical
example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com