Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC7707 Datasheet(PDF) 193 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 193 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 189Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 190Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 191Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 192Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 193Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 194Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 195Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 196Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 197Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 307 page
background image
193
7707F–AVR–11/10
AT90USB82/162
19.9
Registers description
19.9.1
USB general registers
• 7 – USBE: USB macro Enable Bit
Set to enable the USB controller. Clear to disable and reset the USB controller, to disable the
USB transceiver and to disable the USB controller clock inputs.
• 6 – Reserved
The value read from this bit is always 0. Do not set this bit.
• 5 – FRZCLK: Freeze USB Clock Bit
Set to disable the clock inputs (the ”Resume Detection” is still active). This reduces the power
consumption. Clear to enable the clock inputs.
• 4-0 – Reserved
The value read from these bits is always 0. Do not set these bits.
• 7 – DPACC: DPRAM Direct Access Bit
Set this bit to directly read the content the Dual-Port RAM (DPR) data through the UEDATX or
UPDATX registers. See Section 19.6, page 190 for more details.
Clear this bit for normal operation and access the DPR through the endpoint FIFO.
• 6-0 – Reserved
The value read from these bits is always 0. Do not set these bits.
Bit
7
6
5432
10
USBE
-
FRZLK
-
--
--USBCON
Read/Writ
e
R/W
R
R/W
RRR
RR
Initial Val-
ue
00
1000
00
Bit
76543210
DPACC
-------UDPADDH
Read/Wr
ite
R/W
RRRRRRR
Initial
Value
00000000
Bit
7
65
432
10
DPADD7:0
UDPADDL
Read/Writ
e
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Val-
ue
0
0
0
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com