Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC7707 Datasheet(PDF) 196 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 196 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 192Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 193Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 194Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 195Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 196Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 197Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 198Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 199Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 200Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 307 page
background image
196
7707F–AVR–11/10
AT90USB82/162
20. USB Device Operating modes
20.1
Introduction
The USB device controller supports full speed data transfers. In addition to the default control
endpoint, it provides four other endpoints, which can be configured in control, bulk, interrupt or
isochronous modes:
• Endpoint 0:programmable size FIFO up to 64 bytes, default control endpoint
• Endpoints 1and 2:programmable size FIFO up to 64 bytes.
• Endpoints 3 and 4: programmable size FIFO up to 64 bytes with ping-pong mode.
The controller starts in the “idle” mode. In this mode, the pad consumption is reduced to the
minimum.
20.2
Power-on and reset
The next diagram explains the USB device controller main states on power-on:
Figure 20-1. USB device controller states after reset
The reset state of the Device controller is:
• the macro clock is stopped in order to minimize the power consumption (FRZCLK set),
• the USB device controller internal state is reset (all the registers are reset to their default
value. Note that DETACH is set.)
• the endpoint banks are reset
• the D+ pull up are not activated (mode Detach)
The D+ pull-up will be activated as soon as the DETACH bit is cleared.
The macro is in the ‘Idle’ state after reset with a minimum power consumption and does not
need to have the PLL activated to enter in this state.
The USB device controller can at any time be reset by clearing USBE.
20.3
Endpoint reset
An endpoint can be reset at any time by setting in the UERST register the bit corresponding to
the endpoint (EPRSTx). This resets:
• the internal state machine on that endpoint,
• the Rx and Tx banks are cleared and their internal pointers are restored,
Reset
Idle
HW
RESET
USBE=0
<any
other
state>
USBE=0
USBE=1
UID=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com