Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC1925 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # DOC1925
Description  User Guide
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC1925 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button DOC1925 Datasheet HTML 43Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 44Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 45Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 46Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 47Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 48Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 49Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 50Page - List of Unclassifed Manufacturers DOC1925 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Using AVR Studio
AVR STK500 User Guide
5-7
1925C–AVR–3/03
5.3.5.3
Oscillator
The STK500 development board uses a programmable oscillator circuit that offers a
wide range of frequencies for the target device.
Since it is not possible to generate an unlimited number of frequencies, the STK500
user interface will calculate the value closest to the value written to the oscillator text
box. The calculated value is then presented in the oscillator text box, overwriting the
previously written number.
5.3.6
“Auto” Settings
When programming multiple devices with the same code, the “Auto” tab offers a power-
ful method of automatically going through a user-defined sequence of commands. The
commands are listed in the order they are executed (if selected). To enable a command,
the appropriate check box should be checked. For example, if only “Program FLASH” is
checked when the “Start” button is pressed, the Flash memory will be programmed with
the hex file specified in the “Program” settings. All commands depend on and use the
settings given in the STK500 user interface.
Figure 5-7. Auto
It is possible to log the command execution to a text file by checking the “Log to file”
check box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com